Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # SC2200
Description  Dual RF Power Amplifier Linearizer (RFPAL)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC2200 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button SC2200 Datasheet HTML 3Page - Maxim Integrated Products SC2200 Datasheet HTML 4Page - Maxim Integrated Products SC2200 Datasheet HTML 5Page - Maxim Integrated Products SC2200 Datasheet HTML 6Page - Maxim Integrated Products SC2200 Datasheet HTML 7Page - Maxim Integrated Products SC2200 Datasheet HTML 8Page - Maxim Integrated Products SC2200 Datasheet HTML 9Page - Maxim Integrated Products SC2200 Datasheet HTML 10Page - Maxim Integrated Products SC2200 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PIN
NAME
TYPE
FUNCTION
1, 3, 7, 9, 52, 54,
58, 60, 61, 63,
67, 69, 72,
74, 78, 80
GND
RF Shield
Ground for Shield of RF Signal
2
RFINDLYA
Analog In
Delayed RF Single-Ended Input Signal for Tx Path A
4, 5
AIN0A, AIN1A
Analog In
Do not connect. Reserved for internal use.
6, 10–13, 48–51,
55, 64, 66,
70, 71, 75, 77
AVDD18
Supply
+1.8V DC Supply Voltage for Analog Circuits
8
RFINA
Analog In
RF 50Ω Input Signal for Tx Path A
14–18
AIO0A–AIO4A
Analog In/Out
Do not connect. Reserved for internal use.
19
XTALI
Analog In
Oscillator or External Clock Input. For the oscillator, connect a 20MHz
crystal across XTALI to XTALO. For the external clock, connect clock
source operating at 10, 13, 15.36, 19.2, 20, 26, 30.72MHz. Refer to the
Hardware Design Guide for details.
20
XTALO
Analog Out
Crystal Output. Excitation driver for crystal or ceramic resonator.
21
MS0
Digital In
Load Enable. Required to program FW upgrades to internal EEPROM.
Has internal pulldown to GND.
22
MS1
Digital In
Do not connect. Reserved for internal use. Has internal pulldown to GND.
23
RESETN
Digital In
Reset when Low. Has internal pullup to DVDDIO.
24
SSCLK
Digital In
Slave SPI Clock. Has internal pulldown to GND.
25
SSSN
Digital In
Slave SPI Select Enabled Low. Has internal pullup to DVDDIO.
26
SSDI
Digital In
Slave SPI Data Input to RFPAL. Has internal pulldown to GND.
27
SSDO
Digital Out
Slave SPI Data Output from RFPAL. Three-state. DVDDIO logic levels.
28
INTRN
Digital Out
General-Purpose Digital Output Controlled by FW. Notifies or interrupts
the SPI host when low that (e.g., alarm) information is available to be
collected. Open-drain output with internal pullup to DVDDIO.
29, 32, 37
DVDD18
Supply
+1.8V DC Supply Voltage for Digital Circuits
30, 36
DVDDIO
Supply
+1.8V DC Supply Voltage for Digital I/O Interface Circuits
31, 33–35, 38–42
DIO0–DI08
Digital In/Out
Do not connect. Reserved for internal use.
43–47
AIO4B–AIO0B
Analog In/Out
Do not connect. Reserved for internal use.
53
RFINB
Analog In
RF Single-Ended Input Signal for Tx Path B
56, 57
AIN1B, AIN0B
Analog In
Do not connect. Reserved for internal use.
59
RFINDLYB
Analog In
Delayed RF Single-Ended Input Signal for Tx Path B
62
RFOUTB
Analog Out
RF Single-Ended Output Signal for Tx Path B
65
RFAUXB
Analog Out
Do not connect. Reserved for internal use.
68
RFFBB
Analog In
RF Single-Ended Feedback Signal for Tx Path B
73
RFFBA
Analog In
RF Single-Ended Feedback Signal for Tx Path A
76
RFAUXA
Analog Out
Do not connect. Reserved for internal use.
79
RFOUTA
Analog Out
RF Single-Ended Output Signal for Tx Path A
81
GND
Supply
Exposed Pad. Serves as supply ground and thermal interface.
SC2200
Dual RF Power Amplifier Linearizer (RFPAL)
www.maximintegrated.com
Maxim Integrated │ 7
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com