Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # SC2200
Description  Dual RF Power Amplifier Linearizer (RFPAL)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC2200 Datasheet(HTML) 2 Page - Maxim Integrated Products

  SC2200 Datasheet HTML 1Page - Maxim Integrated Products SC2200 Datasheet HTML 2Page - Maxim Integrated Products SC2200 Datasheet HTML 3Page - Maxim Integrated Products SC2200 Datasheet HTML 4Page - Maxim Integrated Products SC2200 Datasheet HTML 5Page - Maxim Integrated Products SC2200 Datasheet HTML 6Page - Maxim Integrated Products SC2200 Datasheet HTML 7Page - Maxim Integrated Products SC2200 Datasheet HTML 8Page - Maxim Integrated Products SC2200 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Supply Voltage (AVDD18 to GND).......................-0.2V to +2.2V
Supply Voltage (DVDD18 to GND).......................-0.2V to +2.2V
Supply Voltage (VDDIO to GND) ..........................-0.2V to +2.2V
Input Voltage (1.8V pins)......................... -0.2V to VDD18 + 0.2V
Input Voltage (VDDIO pins)...................... -0.2V to VDDIO + 0.2V
Input to RF Inputs (RMS) .................................................+0dBm
Junction Temperature......................................................+150°C
Storage Temperature........................................ -65°C to +150°C
Operating Case Temperature........................... -40°C to +100°C
Radio Frequency Signals
(Operation at TA = +25°C, VAVDD18 = 1.8V, VDVDDIO = 1.8V, VDVDD18 = 1.8V and 20MHz external clock, unless otherwise specified.)
DC Characteristics
Note 1:
All specifications in this table apply to both paths being enabled.
Note 2:
Peak current includes supply decoupling network. Refer to the Hardware Design Guide for sizing of the voltage regulators.
Note 3:
Characterized at over operating voltages, case temperature with 20MHz input signal BW, and VDVDDIO = 1.8V.
Note 4:
Continuous adaptation, tracking (100% duty cycled feedback), and advanced features active or inactive.
Note 5:
Duty-cycled feedback power dissipations averaged over on time of 100ms (9%) and off time of 1.0s (91%).
Note 6:
Power dissipation can be FW dependent. Refer to the FW release notes for any changes to values listed above.
Note 7:
See the Operating Frequency Range table for frequency limits of each defined band.
Note 8:
Correction performance across range of input signal BWs also depends on PA output power and carrier configuration.
PARAMETER (Note 1)
MIN
TYP
MAX
UNITS
Supply Voltage (DVDDIO to GND)
1.7
1.8
1.9
V
Supply Voltage (AVDD18 to GND)
1.7
1.8
1.9
V
Supply Voltage (DVDD18 to GND)
1.7
1.8
1.9
V
Supply Peak Current (DVDDIO to GND) (Notes 2, 3, 5, 6)
50
mA
Supply Peak Current (AVDD18 to GND) (Notes 1, 2, 3, 5)
1300
mA
Supply Peak Current (DVDD18 to GND) (Notes 1, 2, 3, 5)
400
Average Power Dissipation: Full-Speed Adaptation (Notes 3, 4, 6)
1950
mW
Average Power Dissipation: Duty-Cycled Feedback (Notes 3, 5, 6)
1500
mW
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Frequency (Note 7)
f
698
2700
MHz
Input Signal Bandwidth (Note 8)
BWSIG
1.2
60
MHz
Noise Power
Relative to -3dBm at RFOUT
-137
dBm/Hz
RFINDLY-RFOUT Preamp Gain
G
When set to default FW settings
10
dB
RFINDLY-RFOUT Preamp Gain
Deviation from TC = +25°C
GTEMPDEV
TC = -40°C to +100°C at 2140MHz
+1
dB
TC = -40°C to +100°C at 2700MHz
-2
Path A/B Isolation
ISO
At 2700MHz
43
dB
SC2200
Dual RF Power Amplifier Linearizer (RFPAL)
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Warning: Any stress beyond the ranges indicated may damage the device permanently. The specified stress ratings do not imply functional performance in these ranges. Exposure of the device
to the absolute maximum ratings for extended periods of time is likely to degrade the reliability of this product



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com