Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # SC2200
Description  Dual RF Power Amplifier Linearizer (RFPAL)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC2200 Datasheet(HTML) 1 Page - Maxim Integrated Products

  SC2200 Datasheet HTML 1Page - Maxim Integrated Products SC2200 Datasheet HTML 2Page - Maxim Integrated Products SC2200 Datasheet HTML 3Page - Maxim Integrated Products SC2200 Datasheet HTML 4Page - Maxim Integrated Products SC2200 Datasheet HTML 5Page - Maxim Integrated Products SC2200 Datasheet HTML 6Page - Maxim Integrated Products SC2200 Datasheet HTML 7Page - Maxim Integrated Products SC2200 Datasheet HTML 8Page - Maxim Integrated Products SC2200 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The SC2200 belongs to the 4th-generation family of
RF PA linearizers (RFPAL) that provides increased
integration and functionality over the previous generations.
The device is a dual-path linearizer that is a fully-adaptive,
RFIN/RFOUT predistortion linearization solution
optimized for a wide range of amplifiers, power levels,
and communication protocols. It supports 2G to 4G
standards (FDD and TDD) from 698MHz to 2700MHz
as well as an expanded range of signal bandwidths from
60MHz down to 1.2MHz. The SC2200 accepts single-
ended RF signals to eliminate baluns and features a
mirrored pinout facilitating design of both paths. The
device uses the PA output and input signals to adaptively
generate an optimized correction function to minimize the
PA’s distortion. Using RF-domain analog signal processing
enables the SC2200 to operate over wide bandwidths
and with very low power consumption. The dual linearizer
is optimized for high-performance MIMO applications,
including small cells, active antenna, and distributed
antenna systems.
Applications
● Cellular Infrastructure
• Single/Multicarrier, Multistandard: CDMA/EVDO,
TD-SCDMA, WiMAX, WCDMA/HSDPA, LTE, and
TD-LTE
• BTS Amplifiers, RRH, Booster Amplifiers, Repeaters,
Small Cells, Microcells, Picocells, DAS, AAS and
MIMO Systems
● Wide Range of PAs and Output Power
• Amplifier: Class A/AB, Doherty
• Average PA Output Power Examples:
Cellular Infrastructure: 27dBm to 40dBm
• PA Process: LDMOS, GaN, HBT, GaAs and InGaP
Benefits
● Ease of Use
• Integrated RFIN/RFOUT Solution
● Smaller Total System Form Factor (24mm x 26mm)
● Reduces System Power Consumption and OPEX
● Reduces BOM Costs and Total Volume
• Smaller Power Supply, Heat Sink, and Enclosure
• Lower Back-Off Reduces Transistor Costs
Features
● Frequency Range: 698MHz–2700MHz
● Integrated Preamp and Single-Ended RF I/Os
● Single +1.8V Supply Voltage
● External Reference Clock Support:
• 10, 13, 15.36, 19.2, 20, 26, and 30.72MHz
● Packaged in 11mm x 11mm SAWN QFN Package
● Operating Case Temperature: -40°C to +100°C
● RoHS, Green, REACH, and ISO9001 Compliant
● Dual-Path RFIN/RFOUT Linearizer in CMOS SoC
● Fully Adaptive Correction
● Up to 28dB ACLR and 38dB IMD Improvement (1)
● 1.2MHz < BWSIG ≤ 60MHz
● Power Consumption:
• Duty-Cycled (10%) Feedback: 1500mW
(Dual-Path)
• 100% Adaptation: 1.95W (Dual-Path)
Ordering Information and Block Diagram appears at end of
data sheet.
19-7748; Rev 1; 6/16
SC2200
Dual RF Power Amplifier Linearizer (RFPAL)


Similar Part No. - SC2200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SC2200 NSC-SC2200 Datasheet
3Mb / 433P
Thin Client On a Chip
logo
Infinite Electronics In...
SC2200 FAIRVIEW-SC2200 Datasheet
567Kb / 3P
SC Male (Plug) Connector For RG214, RG393 Cable, Crimp/Solder
REV 1.5
logo
Maxim Integrated Produc...
SC2200-EVK MAXIM-SC2200-EVK Datasheet
698Kb / 10P
Reduces System Power Consumption and OPEX
Rev 1; 10/17
SC2200-EVK1900 MAXIM-SC2200-EVK1900 Datasheet
698Kb / 10P
Reduces System Power Consumption and OPEX
Rev 1; 10/17
SC2200-EVK2400 MAXIM-SC2200-EVK2400 Datasheet
698Kb / 10P
Reduces System Power Consumption and OPEX
Rev 1; 10/17
More results

Similar Description - SC2200

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFA2600 MOTOROLA-MRFA2600 Datasheet
169Kb / 4P
RF POWER AMPLIFIER
MRFA2602 MOTOROLA-MRFA2602 Datasheet
144Kb / 6P
RF POWER AMPLIFIER
MRFA2604 MOTOROLA-MRFA2604 Datasheet
286Kb / 8P
RF POWER AMPLIFIER
logo
Intersil Corporation
ISL5239 INTERSIL-ISL5239 Datasheet
653Kb / 31P
Pre-Distortion Linearizer
September 2, 2005
logo
List of Unclassifed Man...
WH9A ETC1-WH9A Datasheet
105Kb / 2P
Linearizer
logo
Communications & Power ...
4CX10-000D CPI-4CX10-000D Datasheet
99Kb / 1P
RF power amplifier
4CX20-000B CPI-4CX20-000B Datasheet
91Kb / 1P
RF power amplifier
logo
Maxim Integrated Produc...
SC1905 MAXIM-SC1905 Datasheet
159Kb / 13P
698MHz to 3800MHz RF Power Amplifier Linearizer (RFPAL)
Rev 1; 10/18
SC1894 MAXIM-SC1894 Datasheet
1Mb / 18P
225MHz to 3800MHz RF Power Amplifier Linearizer
Rev 1; 7/20
SC1889 MAXIM-SC1889 Datasheet
110Kb / 10P
Adaptive RF Power Amplifier Linearizer and Dual RMS Power Measurement Unit
Rev 0.1; August 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com