Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # SC2200
Description  Dual RF Power Amplifier Linearizer (RFPAL)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC2200 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button SC2200 Datasheet HTML 3Page - Maxim Integrated Products SC2200 Datasheet HTML 4Page - Maxim Integrated Products SC2200 Datasheet HTML 5Page - Maxim Integrated Products SC2200 Datasheet HTML 6Page - Maxim Integrated Products SC2200 Datasheet HTML 7Page - Maxim Integrated Products SC2200 Datasheet HTML 8Page - Maxim Integrated Products SC2200 Datasheet HTML 9Page - Maxim Integrated Products SC2200 Datasheet HTML 10Page - Maxim Integrated Products SC2200 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Detailed Description
Introduction to Predistortion Using the
SC2200
Wideband signals in today’s telecommunications systems
have high peak-to-average ratios and stringent spectral
regrowth specifications. These specifications place high
linearity demands on power amplifiers. Linearity can be
achieved by backing off output power at the price of reduc-
ing efficiency. However, this increases the component and
operating costs of the power amplifier. Better linearity can
be achieved through the use of digital predistortion and
other linearization techniques, but many of these methods
are time consuming and costly to implement.
The SC2200 is a true RFIN and RFOUT solution where
the complex signal processing is done in the RF domain,
supporting modular power amplifier designs that are inde-
pendent of the baseband and transceiver subsystems.
This simple system-on-chip offers wide signal bandwidth,
broad frequency of operation, and very low power con-
sumption. It reduces development costs and speeds time
to market. Applicable across a broad range of signals—
including 2G, 3G, 4G wireless, and other modulation
types—the powerful analog signal processing engine is
capable of linearizing the most efficient power amplifier
topologies. The SC2200 delivers the required efficiency
and performance demanded by today’s wireless systems.
Wireless service providers are deploying networks with
wider coverage, greater subscriber density, and higher
data rates. These networks require more efficient power
amplifiers. Additionally, the emergence of MIMO, distrib-
uted architectures, and active antenna systems is driving
the increased need to support smaller, more-efficient
power amplifier implementations. Furthermore, a strong
push continues toward reducing the total capital and oper-
ating costs of base stations.
LINE
TOP MARK
DESCRIPTION
1
+
Indicates the part is lead (Pb)-free and designates location of pin one/ball A1Pb-free laser mark
2
SC2200
Product part number
2
A
Product revision
2
-00
Product configuration: -00 = Dual-RFPAL Base Configuration
3
YY
Date code—year
3
WW
Date code—work week
3
$$
Indicates the package revision code from the reliability database
4
###
Indicates the last 3 numeric characters from the lot number
4
@@
Indicates the first 2 alpha characters after the numeric characters from the lot number
S C 2 2 0 0 A - 0 0
Y Y W W $ $
# # # @ @
+
OPTIONAL NOTES:
MAXIM INTEGRATED MARKING STANDARDS SPECIFICATION REFERENCE: 20-0400.
TM
SC2200
Dual RF Power Amplifier Linearizer (RFPAL)
www.maximintegrated.com
Maxim Integrated │ 8
Top Mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com