Electronic Components Datasheet Search
  English  ▼

X  

SC1889 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # SC1889
Description  Adaptive RF Power Amplifier Linearizer and Dual RMS Power Measurement Unit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC1889 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button SC1889 Datasheet HTML 2Page - Maxim Integrated Products SC1889 Datasheet HTML 3Page - Maxim Integrated Products SC1889 Datasheet HTML 4Page - Maxim Integrated Products SC1889 Datasheet HTML 5Page - Maxim Integrated Products SC1889 Datasheet HTML 6Page - Maxim Integrated Products SC1889 Datasheet HTML 7Page - Maxim Integrated Products SC1889 Datasheet HTML 8Page - Maxim Integrated Products SC1889 Datasheet HTML 9Page - Maxim Integrated Products SC1889 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD33 to GND) ...... -0.3V to +3.8V
Supply Voltage (VDD18 to GND) ..... -0.2 V to +2.2V
Input Voltage (1.8V pins) ... -0.2V to (VDD18 + 0.2V)
Input Voltage (3.3V pins) ... -0.3V to (VDD33 + 0.3V)
Input into the Balun (RMS) ........................... +7dBm
Junction Temperature .................................. +150°C
Storage Temperature .....................-65°C to +150°C
OPERATING RATING
Operating Case Temperature……-40°C to +100°C
Warning: Any stress beyond the ranges indicated may damage
the device permanently. The specified stress ratings do not imply
functional performance in these ranges. Exposure of the device
to the absolute maximum ratings for extended periods of time is
likely to degrade the reliability of this product.
DC CHARACTERISTICS
PARAMETER
MIN
TYP
MAX
UNITS
Supply Voltage (VDD33 to GND)
3.1
3.3
3.5
V
Supply Voltage (VDD18 to GND)
1.7
1.8
1.9
V
Supply Peak Current (VDD33 to GND)
1,2,3, 5
59
mA
Supply Peak Current (VDD18 to GND)
1,2,3, 5
592
mA
Average Power Dissipation: Full-Scale Adaptation, Track, and PMU
3, 5
1060
mW
Average Power Dissipation: Duty-Cycled Feedback
2,4,5
420
mW
Note 1: Peak current includes supply decoupling network. Refer to Hardware Design Guide for proper sizing of the on-board regulators.
Note 2: Characterized at typical voltages, +25°C operating case temperature and 20MHz input signal BW.
Note 3: Continuous adaptation, tracking (100% duty-cycled feedback) and Power Measurement Unit active or inactive.
Note 4: Duty-cycled feedback power dissipations averaged over ON time of 100ms (9%) and OFF time of 1.024s (91%).
Note 5: Power dissipation may be FW dependent. Refer to the FW release notes for any changes to values listed above.
RADIO FREQUENCY SIGNALS
PARAMETER
SYMBOL
CONDITIONS
MIN
RECOMMENDED
MAX
UNITS
Operating Frequency
1
f
698
2800
MHz
RFIN_BLN Range for
Maximum Correction
PRFIN_BLN_P
Peak power
-4
4
6
dBm
RFIN_BLN Range for
Maximum Correction
PRFIN_BLN
RMS power
2
-9
-6
-4
dBm
RFFB_BLN Range for
Maximum Correction
PRFFB_BLN_P
Peak power
-14
-4
-2
dBm
RFFB_BLN Range for
Maximum Correction
PRFFB_BLN
RMS power
2
-19
-14
-12
dBm
RFIN_BLN
Operating Range
PRFIN_BLN
RMS power
2
-40
-4
dBm
RFFB_BLN Operating
Range
PRFFB_BLN
RMS power
2
-45
-12
dBm
RF Input Signal
Peak-to Avg. Ratio
3
PARIN
CCDF
4
probability=10
-4
5 to 10
dB
Input Signal Bandwidth
BWsignal
1.2
40 or 60
5
MHz
Noise Power
6
Referred to
0dBm at PA
input
-138
-135
dBm/Hz
Note 1: See Operating Frequency Ranges table for frequency limits of each defined band.
Note 2: A peak to average ratio (PAR) of 5dB to 10dB is used for this table.
Note 3: Higher PAR values can be supported but at a reduction to a combination of the input signal range and IM correction limits.
Note 4: CCDF = Complementary cumulative distribution function; a measurement of peak to average ratio or crest factor.
Note 5: > 40MHz operation requires a fully occupied signal bandwidth.
Note 6: Worst case over PVT guaranteed by bench characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com