Electronic Components Datasheet Search
  English  ▼

X  

SC1889 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # SC1889
Description  Adaptive RF Power Amplifier Linearizer and Dual RMS Power Measurement Unit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC1889 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button SC1889 Datasheet HTML 2Page - Maxim Integrated Products SC1889 Datasheet HTML 3Page - Maxim Integrated Products SC1889 Datasheet HTML 4Page - Maxim Integrated Products SC1889 Datasheet HTML 5Page - Maxim Integrated Products SC1889 Datasheet HTML 6Page - Maxim Integrated Products SC1889 Datasheet HTML 7Page - Maxim Integrated Products SC1889 Datasheet HTML 8Page - Maxim Integrated Products SC1889 Datasheet HTML 9Page - Maxim Integrated Products SC1889 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
OPERATING FREQUENCY RANGES
FREQUENCY RANGE
1
RECOMMENDED APPLICATIONS
DESIGNATION
698MHz to 960MHz
Lowband cellular (698MHz to 960MHz)
-04
800MHz to 1450MHz
IF for SATCOMM (1000MHz to 1400MHz)
-05
1350MHz to 2450MHz
LTE for Japan (1400MHz to 1510MHz)
-06
1600MHz to 2800MHz
Highband cellular (1600MHz to 2800MHz)
-07
Note 1: Default is -07. May be reprogrammed by user for other ranges listed above. Refer to Design Guide for programming information.
DIGITAL I/O—DC CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CMOS Input Logic-Low
VIL
-0.3
0.8
V
CMOS Input Logic-High
VIH
VDD = 3.3V
2.0
V
CMOS Output Logic-Low
VOL
0.4
V
CMOS Output Logic-High
VOH
VDD = 3.3V
2.4
V
SDO CMOS Output Current
IOL/IOH
Three-State
-4.0
+4.0
mA
STATO CMOS Output Current
IOL/IOH
Open Drain
-4.0
0.0
mA
SERIAL PERIPHERAL INTERFACE (SPI) BUS SPECIFICATIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Select Setup Time
tSS
100
ns
Select Hold Time
tSH
250
ns
Select Disable Time
tDIS
100
ns
Data Setup Time
tDS
25
ns
Data Hold Time
tDH
45
ns
Rise Time
tR
25
ns
Fall Time
tF
25
ns
Clock Period
tCP
250
ns
Clock High Time
tCH
100
ns
Time to Output Valid
tOV
100
ns
Output Data Disable
tOD
0
ns
Use of the SPI interface offers the user access to certain monitoring and diagnostic functions as well as
other planned advanced features. The SPI bus interface is also used to program the internal EEPROM,
allowing changes to the operating frequency range, field upgrades and firmware updates.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com