Electronic Components Datasheet Search
  English  ▼

X  

SC1889 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # SC1889
Description  Adaptive RF Power Amplifier Linearizer and Dual RMS Power Measurement Unit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC1889 Datasheet(HTML) 4 Page - Maxim Integrated Products

  SC1889 Datasheet HTML 1Page - Maxim Integrated Products SC1889 Datasheet HTML 2Page - Maxim Integrated Products SC1889 Datasheet HTML 3Page - Maxim Integrated Products SC1889 Datasheet HTML 4Page - Maxim Integrated Products SC1889 Datasheet HTML 5Page - Maxim Integrated Products SC1889 Datasheet HTML 6Page - Maxim Integrated Products SC1889 Datasheet HTML 7Page - Maxim Integrated Products SC1889 Datasheet HTML 8Page - Maxim Integrated Products SC1889 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Pin Description
PIN
NAME
TYPE
FUNCTION
1
DVDD18
Supply
+1.8V DC Supply Voltage for digital circuits.
2
RESERVED1
Analog Out
Reserved
Do not connect. Reserved for internal use.
3
RESERVED2
Analog Out
Reserved
Do not connect. Reserved for internal use.
4
AVDD18
Supply
+1.8V DC Supply Voltage for analog circuits.
5
AVDD33
Supply
+3.3V DC Supply Voltage for analog circuits.
6
GND
Supply
Ground.
7
GND
RF Shield
Ground for shield of RF signal.
8
RFOUTP
Analog Out
RF Output Signal, differential output. See S-parameters for
complex impedance values.
9
RFOUTN
10
GND
RF Shield
Ground for shield of RF signal.
11
AVDD18
Supply
+1.8V DC Supply Voltage for analog circuits.
12
AVDD18
Supply
+1.8V DC Supply Voltage for analog circuits.
13
ENVOUTP
Analog Out
Reserved
Envelope Out. Do not connect. Reserved for future use.
14
ENVOUTN
15
GND
Supply
Ground.
16
BGRES
Analog In
Bandgap Resistor.
17
AVDD33
Supply
+3.3V DC Supply Voltage for analog circuits.
18
GND
RF Shield
Ground for shield of RF signal.
19
RFINP
Analog In
RF Input Signal, differential input. See S-parameters for complex
impedance values.
20
RFINN
21
GND
RF Shield
Ground for shield of RF signal.
22
AVDD18
Supply
+1.8V DC Supply Voltage for analog circuits.
23
AVDD33
Supply
+3.3V DC Supply Voltage for analog circuits.
24
ADCIN1P
Analog In
Reserved
Do not connect. Reserved for future use. .
25
ADCIN1N
26
ADCIN2P
Analog In
Reserved
Do not connect. Reserved for future use.
27
ADCIN2N
28
AVDD33
Supply
+3.3V DC Supply Voltage for analog circuits.
29
GND
RF Shield
Ground for shield of RF signal.
30
RFFBP
Analog In
RF Feedback Signal, differential input. See S-parameters for
complex impedance values.
31
RFFBN
32
GND
RF Shield
Ground for shield of RF signal.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com