Electronic Components Datasheet Search
  English  ▼

X  

SC1889 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # SC1889
Description  Adaptive RF Power Amplifier Linearizer and Dual RMS Power Measurement Unit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC1889 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button SC1889 Datasheet HTML 2Page - Maxim Integrated Products SC1889 Datasheet HTML 3Page - Maxim Integrated Products SC1889 Datasheet HTML 4Page - Maxim Integrated Products SC1889 Datasheet HTML 5Page - Maxim Integrated Products SC1889 Datasheet HTML 6Page - Maxim Integrated Products SC1889 Datasheet HTML 7Page - Maxim Integrated Products SC1889 Datasheet HTML 8Page - Maxim Integrated Products SC1889 Datasheet HTML 9Page - Maxim Integrated Products SC1889 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
CRYSTAL REQUIREMENTS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ESR
50

Capacitive Load to Ground
10
12
pF
Frequency Accuracy
250
ppm
Frequency Drift
Including aging and
temperature
100
ppm
Top Mark
LINE
TOP MARK
DESCRIPTION
1
SCINTERA
Company Name
2
SC1889
Product Part Number
2
A
Product Revision
2
-11
Product Configuration (PC):
BLANK = RFPAL Base Configuration
-11 = RFPAL + PMU configuration
3
XXXXXXXXXX
Foundry Lot Number
(up to 10 characters)
4
WW
Date Code - Work Week
4
YY
Date Code - Year
4
RRRR
Reserved
ESD
ESD (Electrostatic Discharge) sensitive device. Although this product incorporates ESD
protection circuitry, permanent damage may occur on devices subjected to electrostatic
discharges. Proper ESD precautions are recommended to avoid performance degradation or
device failure.
ELECTROSTATIC DISCHARGE (ESD) PROTECTION CHARACTERISTICS
TEST METHODOLOGY
CLASS
VOLTAGE
UNIT
Human Body Model (per JESD22-A114)
1C
1000
V
Charge Device Model (per JESD22-C101)
II
250
V
SCINTERA
SC1889A
XXXXXXXXXX
WWYYRRRR
SCINTERA
SC1889A-11
XXXXXXXXXX
WWYYRRRR



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com