Electronic Components Datasheet Search
  English  ▼

X  

1061585 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1061585
Description  SMD male connectors - FP 0,8/ 52-MV 7,15
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1061585 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1061585 Datasheet HTML 1Page - PHOENIX CONTACT 1061585 Datasheet HTML 2Page - PHOENIX CONTACT 1061585 Datasheet HTML 3Page - PHOENIX CONTACT 1061585 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/us/products/1154023
09/27/2021   Page 3 / 4
SMD male connectors - FP 0,8/ 52-MV 7,15 - 1154023
Technical data
Dimensions for the application
15 mm Tolerance: +1,5 mm (in combination with Range of articles:FP
0,8/...-FV 7,85)
Axial offset in X direction (longitudinal)
± 0.3 mm (Tolerance compensation when plugged in)
Axial offset in Y direction (transversal)
± 0.3 mm (Tolerance compensation when plugged in)
Packaging information
Type of packaging
packed in cardboard
Pieces per package
300
Denomination packing units
Pcs.
Data transmission
Data transmission rate
up to 16 Gbps
General product information
Type of note
Notes on operation
Details for soldering processes
Note
The permissible voltage during operation depends on the application,
taking into consideration the air clearances and creepage distances within
the scope of insulation requirements in accordance with IEC 60664-1.
The items are suitable for assembly on both sides and for overhead
soldering.
Air clearances and creepage distances
Air clearances and creepage distances
min.
Classifications
eCl@ss
eCl@ss 10.0.1
27440402
eCl@ss 11.0
27460201
eCl@ss 9.0
27440402
UNSPSC
UNSPSC 18.0
39121409
UNSPSC 19.0
39121409
UNSPSC 20.0
39121409
UNSPSC 21.0
39121409
Accessories
Additional products



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com