Electronic Components Datasheet Search
  English  ▼

X  

1061585 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1061585
Description  SMD male connectors - FP 0,8/ 52-MV 7,15
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1061585 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1061585 Datasheet HTML 1Page - PHOENIX CONTACT 1061585 Datasheet HTML 2Page - PHOENIX CONTACT 1061585 Datasheet HTML 3Page - PHOENIX CONTACT 1061585 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/1154023
09/27/2021   Page 2 / 4
SMD male connectors - FP 0,8/ 52-MV 7,15 - 1154023
Technical data
Item properties
Mounting type
SMD soldering
Number of rows
2
Material data - contact
Note
WEEE/RoHS-compliant, free of whiskers according to IEC 60068-2-82/
JEDEC JESD 201
Contact material
Cu alloy
Surface characteristics
Selective coating
Metal surface contact area (top layer)
Gold (Au)
Metal surface contact area (middle layer)
Nickel (Ni)
Metal surface soldering area (top layer)
Tin (Sn)
Metal surface soldering area (middle layer)
Nickel (Ni)
Material data - housing
Housing color
black (9005)
Insulating material
LCP
Insulating material group
IIIa
Flammability rating according to UL 94
V0
Dimensions for the product
Caption
Schematische Abbildung - weitere Details siehe Produktfamilienzeichnung
im Download Center
Length [ l ]
6.1 mm
Width [ w ]
24.7 mm
Height [ h ]
12.25 mm
Pitch
0.8 mm
Height (without solder pin)
11.65 mm
Dimensions for PCB design
Hole diameter
0.75 mm
Pad geometry
0.5 x 2.4 mm
Dimensions for the application
Contact cover
0.8 mm
Overlap length
1.5 mm
Medium offset
± 0.7 mm in longitudinal and transverse direction
Angular tolerance
± 5 ° in longitudinal and transverse direction (when plugging in)
± 5 ° in longitudinal and transverse direction (when plugged in)
Stack height
12 mm Tolerance: +1,5 mm (in combination with Range of articles:FP
0,8/...-FV 4,85)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com