Electronic Components Datasheet Search
  English  ▼

X  

1061585 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1061585
Description  SMD male connectors - FP 0,8/ 52-MV 7,15
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1061585 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1061585 Datasheet HTML 1Page - PHOENIX CONTACT 1061585 Datasheet HTML 2Page - PHOENIX CONTACT 1061585 Datasheet HTML 3Page - PHOENIX CONTACT 1061585 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1154023
09/27/2021   Page 1 / 4
SMD male connectors - FP 0,8/ 52-MV 7,15 - 1154023
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
SMD male connector, number of positions: 52, pitch: 0.8 mm, color: black, contact surface: Gold, type of contact:
Male connector
The figure shows a 12-pos. version
with 12 contacts
Your advantages
 Gold-plated contacts ensure transfer quality remains stable over the long term
 Reliable mechanical and electrical connections, thanks to the double-sided ScaleX contact system
 Robustness: ScaleX technology for high tolerance compensation and protection of contacts
 Flexible device design: various numbers of positions, designs, and stack heights with high wipe lengths
Key Commercial Data
Packing unit
1
GTIN
GTIN
4063151154585
Custom tariff number
85366930
Technical data
Item properties
Brief article description
SMD male connectors
Connector system
FINEPITCH 0,8
Type of contact
Male connector
Range of articles
FP 0,8/...-MV 7,15
Pitch
0.8 mm
Number of positions
52


Similar Part No. - 1061585

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1061585 PHOENIX-1061585 Datasheet
637Kb / 16P
FP 0,8/ 52-FV 7,85
More results

Similar Description - 1061585

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1154017 PHOENIX-1154017 Datasheet
70Kb / 4P
SMD male connectors - FP 0,8/ 12-MV 7,15
1154018 PHOENIX-1154018 Datasheet
70Kb / 4P
SMD male connectors - FP 0,8/ 20-MV 7,15
1154022 PHOENIX-1154022 Datasheet
70Kb / 4P
SMD male connectors - FP 0,8/ 32-MV 7,15
1154004 PHOENIX-1154004 Datasheet
71Kb / 4P
SMD male connectors - FP 0,8/ 12-MV-SH 7,15
1154005 PHOENIX-1154005 Datasheet
71Kb / 4P
SMD male connectors - FP 0,8/ 20-MV-SH 7,15
1154011 PHOENIX-1154011 Datasheet
71Kb / 4P
SMD male connectors - FP 0,8/ 80-MV-SH 7,15
1154015 PHOENIX-1154015 Datasheet
256Kb / 5P
SMD male connectors - FP 0,8/ 52-MV 8,65
1154024 PHOENIX-1154024 Datasheet
70Kb / 4P
SMD male connectors - FP 0,8/ 80-MV 7,15
1154007 PHOENIX-1154007 Datasheet
71Kb / 4P
SMD male connectors - FP 0,8/ 32-MV-SH 7,15
1154008 PHOENIX-1154008 Datasheet
71Kb / 4P
SMD male connectors - FP 0,8/ 52-MV-SH 7,15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com