Electronic Components Datasheet Search
  English  ▼

X  

1061585 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1061585
Description  SMD male connectors - FP 0,8/ 52-MV 7,15
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1061585 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1061585 Datasheet HTML 1Page - PHOENIX CONTACT 1061585 Datasheet HTML 2Page - PHOENIX CONTACT 1061585 Datasheet HTML 3Page - PHOENIX CONTACT 1061585 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
https://www.phoenixcontact.com/us/products/1154023
09/27/2021   Page 4 / 4
SMD male connectors - FP 0,8/ 52-MV 7,15 - 1154023
Accessories
SMD female connectors - FP 0,8/ 52-FV 7,85 - 1061585
SMD female connector, Nominal current at 20 °C: 1.7 A, Test voltage: 500 V AC, number of positions: 52, pitch: 0.8 mm,
color: black, contact surface: Gold, type of contact: Female connector
 
 
SMD female connectors - FP 0,8/ 52-FV 4,85 - 1061666
SMD female connector, Nominal current at 20 °C: 1.7 A, Test voltage: 500 V AC, number of positions: 52, pitch: 0.8 mm,
color: black, contact surface: Gold, type of contact: Female connector
 
 
SMD female connectors - FP 0,8/ 52-FH - 1104543
SMD female connector, Nominal current at 20 °C: 1.7 A, Test voltage: 500 V AC, number of positions: 52, pitch: 0.8 mm,
color: black, contact surface: Gold, type of contact: Female connector
 
 
Phoenix Contact 2021 © - all rights reserved
http://www.phoenixcontact.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com