Electronic Components Datasheet Search
  English  ▼

X  

LAN9255 Datasheet(PDF) 18 Page - Microchip Technology

Part # LAN9255
Description  2/3-Port EtherCAT짰 Device Controller with Integrated PHYs & SAM E53J 32-bit ARM짰 Cortex짰-M4F MCU
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9255 Datasheet(HTML) 18 Page - Microchip Technology

Back Button LAN9255 Datasheet HTML 14Page - Microchip Technology LAN9255 Datasheet HTML 15Page - Microchip Technology LAN9255 Datasheet HTML 16Page - Microchip Technology LAN9255 Datasheet HTML 17Page - Microchip Technology LAN9255 Datasheet HTML 18Page - Microchip Technology LAN9255 Datasheet HTML 19Page - Microchip Technology LAN9255 Datasheet HTML 20Page - Microchip Technology LAN9255 Datasheet HTML 21Page - Microchip Technology LAN9255 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
LAN9255
DS00003646B-page 18
2020-2021 Microchip Technology Inc.
FIGURE 5-3:
128-TQFP PACKAGE (LAND PATTERN)
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Optional Center Pad Width
Contact Pad Spacing
Optional Center Pad Length
Contact Pitch
Y2
X2
9.10
9.10
MILLIMETERS
0.40 BSC
MIN
E
MAX
15.40
Contact Pad Length (X128)
Contact Pad Width (X128)
Y1
X1
1.50
0.20
NOM
C1
Contact Pad Spacing
15.40
Contact Pad to Contact Pad (X124)
G2
0.20
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.33
1.20
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
Contact Pad to Center Pad (X128)
G1
2.40
Microchip Technology Drawing C04-2502 Rev A
C1
C2
E
X1
Y1
G1
G2
ØV
X2
Y2
EV
EV
SILK SCREEN
1
2
332
65
96
97
128
33
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com