Electronic Components Datasheet Search
  English  ▼

X  

LAN9255 Datasheet(PDF) 11 Page - Microchip Technology

Part # LAN9255
Description  2/3-Port EtherCAT짰 Device Controller with Integrated PHYs & SAM E53J 32-bit ARM짰 Cortex짰-M4F MCU
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9255 Datasheet(HTML) 11 Page - Microchip Technology

Back Button LAN9255 Datasheet HTML 7Page - Microchip Technology LAN9255 Datasheet HTML 8Page - Microchip Technology LAN9255 Datasheet HTML 9Page - Microchip Technology LAN9255 Datasheet HTML 10Page - Microchip Technology LAN9255 Datasheet HTML 11Page - Microchip Technology LAN9255 Datasheet HTML 12Page - Microchip Technology LAN9255 Datasheet HTML 13Page - Microchip Technology LAN9255 Datasheet HTML 14Page - Microchip Technology LAN9255 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
2020-2021 Microchip Technology Inc.
DS00003646B-page 11
LAN9255
57
A2
ALEHI/
EE_EMUL_A
LELO_POL
GPI10/
GPO10
LINKACT-
LED2/
MII_LINK-
POL/LED-
POL2
DIGIO10
LAN9253
29
58
WR/ENB
GPI14/
GPO14
MII_RXD2
DIGIO14
LAN9253
30
59
RD/RD_WR
GPI15/
GPO15
MII_RXD3
DIGIO15
LAN9253
31
60
VDDIO_J
LAN9253
32
61
PA12
SAM E53J
29
62
PA13
SAM E53J
30
63
PA14
SAM E53J
31
64
PA15
SAM E53J
32
65
VDDIO_S
SAM E53J
34
66
A0/D15
AD15
GPI9/GPO9
MII_RXER
DIGIO9
LAN9253
33
67
PA16
SAM E53J
35
68
PA17
SAM E53J
36
69
PA18
SAM E53J
37
70
SYNC0/LATCH0/PME
SYNC0/
LATCH0
LAN9253
34
71
D3
AD3
SIO3/EE_EMUL_SPI1
WD_TRIG
LAN9253
35
72
D6
AD6
GPI0/GPO0
MII_RXCLK
DIGIO0
LAN9253
36
73
PA19
SAM E53J
38
74
VDDIO_J
LAN9253
37
75
NC
N/A
N/A
76
VDDCR
LAN9253
38
77
PB16
SAM E53J
39
78
D7
AD7
GPI1/GPO1
MII_MDC
DIGIO1
LAN9253
39
79
PB17
SAM E53J
40
80
D8
AD8
GPI2/GPO2
MII_MDIO
DIGIO2
LAN9253
40
81
TESTMODE
LAN9253
41
82
EESDA/TMS/EE_EMUL1
EESDA/TMS
LAN9253
42
83
EESCL/TCK/EE_EMUL2
EESCL/TCK
LAN9253
43
84
PA20
SAM E53J
41
85
NC
N/A
N/A
86
NC
N/A
N/A
TABLE 4-1:
LAN9255 PIN ASSIGNMENTS (CONTINUED)
LAN9255
Pin
Number
HBI Indexed
Mode Pin Name
HBI Multiplexed
Mode Pin Name
SPI with GPIO
Mode Pin Name
SPI with MII
Mode Pin Name
Digital I/O
Mode Pin Name
Source
Die
Source
Die Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com