Electronic Components Datasheet Search
  English  ▼

X  

LAN9255 Datasheet(PDF) 9 Page - Microchip Technology

Part # LAN9255
Description  2/3-Port EtherCAT짰 Device Controller with Integrated PHYs & SAM E53J 32-bit ARM짰 Cortex짰-M4F MCU
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9255 Datasheet(HTML) 9 Page - Microchip Technology

Back Button LAN9255 Datasheet HTML 5Page - Microchip Technology LAN9255 Datasheet HTML 6Page - Microchip Technology LAN9255 Datasheet HTML 7Page - Microchip Technology LAN9255 Datasheet HTML 8Page - Microchip Technology LAN9255 Datasheet HTML 9Page - Microchip Technology LAN9255 Datasheet HTML 10Page - Microchip Technology LAN9255 Datasheet HTML 11Page - Microchip Technology LAN9255 Datasheet HTML 12Page - Microchip Technology LAN9255 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
2020-2021 Microchip Technology Inc.
DS00003646B-page 9
LAN9255
Table 4-1 details the pin assignments in table format. As shown, select pin functions may change based on the device’s
mode of operation. For modes where a specific pin has no function, the table cell will be marked with “-”. The source die
and original source die pin number for each signal is also provided.
TABLE 4-1:
LAN9255 PIN ASSIGNMENTS
LAN9255
Pin
Number
HBI Indexed
Mode Pin Name
HBI Multiplexed
Mode Pin Name
SPI with GPIO
Mode Pin Name
SPI with MII
Mode Pin Name
Digital I/O
Mode Pin Name
Source
Die
Source
Die Pin
1
OSCO
LAN9253
2
2
PB03
SAM E53J
64
3
PA00
SAM E53J
1
4
OSCVDD12
LAN9253
3
5
PA01
SAM E53J
2
6
OSCVSS
LAN9253
4
7
VDD33
LAN9253
5
8
PA02
SAM E53J
3
9
PA03
SAM E53J
4
10
PB04
SAM E53J
5
11
PB05
SAM E53J
6
12
VDDCR
LAN9253
6
13
REG_EN
LAN9253
7
14
CLK_25/CLK_25_EN/XTAL_MODE
LAN9253
8
15
GNDANA
SAM E53J
7
16
VDDANA
SAM E53J
8
17
ERRLED/PME/100FD_B/LEDPOL4
ERRLED/
PME/
LEDPOL4
ERRLED/
100FD_B/
LEDPOL4
LAN9253
9
18
WAIT_ACK/PME
WAIT_ACK/PME/
EE_EMUL_SPI3
LATCH0
LAN9253
10
19
PB06
SAM E53J
9
20
PB07
SAM E53J
10
21
RST#
LAN9253
11
22
PB08
SAM E53J
11
23
PB09
SAM E53J
12
24
D2
AD2
SIO2/EE_EMUL_SPI0
SOF
LAN9253
12
25
PA04
SAM E53J
13
26
D1
AD1
SO/SIO1
EOF
LAN9253
13
27
PA05
SAM E53J
14
28
PA06
SAM E53J
15
29
VDDIO_J
LAN9253
14
30
PA07
SAM E53J
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com