Electronic Components Datasheet Search
  English  ▼

X  

LTM8049 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM8049
Description  Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8049 Datasheet(HTML) 1 Page - Analog Devices

  LTM8049 Datasheet HTML 1Page - Analog Devices LTM8049 Datasheet HTML 2Page - Analog Devices LTM8049 Datasheet HTML 3Page - Analog Devices LTM8049 Datasheet HTML 4Page - Analog Devices LTM8049 Datasheet HTML 5Page - Analog Devices LTM8049 Datasheet HTML 6Page - Analog Devices LTM8049 Datasheet HTML 7Page - Analog Devices LTM8049 Datasheet HTML 8Page - Analog Devices LTM8049 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTM4693
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Ultrathin Low VIN, 2A Buck-Boost
µModule Regulator
The LTM®4693 is an ultrathin, highly efficient, 2A buck-
boost µModule® DC/DC converter that operates from
input voltages above, below or equal to the output volt-
age. Included in the package are the switching control-
ler, power MOSFETs, inductor and support components.
The LTM4693’s advanced topology provides a continu-
ous transfer through all operating modes. VIN operation
from 2.6V to 5.5V covers a wide variety of power sources
including typical 3.3V and 5V. Output voltage ranging
from 1.8V to 5.5V is set by an external resistor. Only a few
external components are needed for a typical application.
Selectable Burst Mode® operation reduces quiescent cur-
rent to 15μA, ensuring high efficiency across the entire
load range. To optimize applications for highest efficiency,
the switching frequency can be programmed between
1MHz to 4MHz or synchronized to an external clock for
noise sensitive circuits.
LTM4693 is available in ultrathin, 3.5mm × 4mm ×1.25mm
LGA Package. The LTM4693 is Pb-free and RoHS compliant.
3.3VOUT, 2A DC/DC µModule Regulator
Efficiency at 3.3VOUT
APPLICATIONS
n
Wide Input Voltage Range: 2.6V to 5.5V
n
Adjustable Output Voltage Range: 1.8V to 5.5V
n
2A of Continuous Output Current with VIN ≥ VOUT
(Buck Mode and Buck-Boost Mode);
Minimum 1A Continuous Output Current
with VIN < VOUT (Boost Mode).
n
Low Ripple Buck-Boost Architecture
n
Programmable Soft-Start and VIN UVLO
n
Burst Mode IQ 15μA for High Efficiency at Light Loads
n
Ultrathin, Small Surface Mount Footprint
3.5mm × 4mm × 1.25mm LGA Package
n
Telecom, Datacom (Optical Modules) and
Industrial Equipment
n
Medical and Industrial Instruments
n
Wireless RF Transmitter
n
Battery Powered System
All registered trademarks and trademarks are the property of their respective owners.
VIN
2.6V to 5.5V
VOUT
3.3V/1.5A
(2A AT BUCK)
2.2nF
10k
LTM4693
GND
VIN
VIN
MODE/SYNC
FREQ
SS
RUN/UVLO
COMP
4693 TA01a
FB
VOUT
22µF
26.2k
0.1µF
22µF
PINS NOT USED:
SW1, SW2
VIN = 2.6V, 1MHz
VIN = 3.3V, 1MHz
VIN = 4.2V, 1MHz
VIN = 5V, 1MHz
LOAD CURRENT (A)
0
0.5
1
1.5
2
60
65
70
75
80
85
90
95
100
4693 TA01a


Similar Part No. - LTM8049

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTM8049 LINEAR-LTM8049 Datasheet
1Mb / 18P
Dual SEPIC or Inverting Module DC DC Converter
logo
Linear Technology
LTM8049 LINER-LTM8049 Datasheet
1Mb / 34P
EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
LTM8049 LINER-LTM8049 Datasheet
1Mb / 32P
EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
LTM8049 LINER-LTM8049 Datasheet
646Kb / 20P
15V, 4A Step-Up 關Module Regulator
LTM8049 LINER-LTM8049 Datasheet
1Mb / 20P
Dual SEPIC or Inverting 關Module DC/DC Converter
More results

Similar Description - LTM8049

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3549 LINER-LTC3549_15 Datasheet
378Kb / 16P
250mA Low VIN Buck Regulator
LTM4625EY LINER-LTM4625EY Datasheet
454Kb / 8P
Tiny 3A DC/DC Inverting Buck-Boost 關Module Regulator
LTM4622A LINER-LTM4622A Datasheet
863Kb / 30P
Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
LTM4623EY LINER-LTM4623EY Datasheet
441Kb / 8P
Tiny 2A DC/DC Inverting Buck-Boost 關Module Regulator
LTM4648 LINER-LTM4648 Datasheet
380Kb / 28P
Low VIN, 10A Step-Down 關Module Regulator
LTM8055 LINER-LTM8055 Datasheet
516Kb / 26P
36VIN, 8.5A Buck-Boost 關Module Regulator
LTM8056 LINER-LTM8056 Datasheet
1Mb / 28P
58VIN, 48VOUT Buck-Boost 關Module Regulator
logo
Analog Devices
LTM4691 AD-LTM4691 Datasheet
1Mb / 22P
Low VIN, High Efficiency, Dual 2A Step-Down DC/DC 關Module Regulator
LTM8083 AD-LTM8083 Datasheet
2Mb / 24P
36V, 1.5A Buck-Boost 關Module Regulator
LTM4663 AD-LTM4663 Datasheet
2Mb / 24P
Ultrathin 1.5A 關Module Thermoelectric Cooler (TEC) Regulator
02/21-REV.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com