Electronic Components Datasheet Search
  English  ▼

X  

LTM8049 Datasheet(PDF) 14 Page - Analog Devices

Part # LTM8049
Description  Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8049 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTM8049 Datasheet HTML 10Page - Analog Devices LTM8049 Datasheet HTML 11Page - Analog Devices LTM8049 Datasheet HTML 12Page - Analog Devices LTM8049 Datasheet HTML 13Page - Analog Devices LTM8049 Datasheet HTML 14Page - Analog Devices LTM8049 Datasheet HTML 15Page - Analog Devices LTM8049 Datasheet HTML 16Page - Analog Devices LTM8049 Datasheet HTML 17Page - Analog Devices LTM8049 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
LTM4693
14
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
pertaining to one’s application usage, and can be adapted
to correlate thermal performance to one’s own application.
The Pin Configuration section typically gives three thermal
coefficients explicitly defined in JESD 51-12; these coef-
ficients are quoted or paraphrased below:
1. θJA, the thermal resistance from junction to ambient,
is the natural convection junction-to-ambient air ther-
mal resistance measured in a one cubic foot sealed
enclosure. This environment is sometimes referred
to as “still air” although natural convection causes
the air to move. This value is determined with the
part mounted to a four-layer demo circuit DC3016A.
2. θJCbottom, the thermal resistance from junction to
bottom of the product case, is determined with all of
the component power dissipation flowing through the
bottom of the package. In the typical module regu-
lator, the bulk of the heat flows out the bottom of
the package, but there is always heat flow out into
the ambient environment. As a result, this thermal
resistance value may be useful for comparing pack-
ages but the test conditions don’t generally match the
user’s application.
3. θJCtop, the thermal resistance from junction to top of
the product case, is determined with nearly all of the
component power dissipation flowing through the top
of the package. As the electrical connections of the
typical µModule are on the bottom of the package, it
is rare for an application to operate such that most of
the heat flows from the junction to the top of the part.
As in the case of θJCbottom, this value may be useful
for comparing packages but the test conditions don’t
generally match the user’s application.
A graphical representation of the aforementioned ther-
mal resistances is given in Figure 5; blue resistances are
contained within the μModule regulator, whereas green
resistances are external to the µModule.
As a practical matter, it should be clear to the reader that
no individual or subgroup of the three thermal resistance
parameters defined by JESD 51-12 or provided in the
Pin Configuration section replicates or conveys nor-
mal operating conditions of a μModule. For example, in
normal board-mounted applications, never does 100%
of the device’s total power loss (heat) thermally conduct
exclusively through the top or exclusively through bottom
of the µModule—as the standard defines for θJCtop and
θJCbottom, respectively. In practice, power loss is ther-
mally dissipated in both directions away from the pack-
age—granted, in the absence of a heat sink and airflow,
a majority of the heat flow is into the board.
Within the LTM4693 module, be aware there are multiple
power devices and components dissipating power, with
a consequence that the thermal resistances relative to
different junctions of components or die are not exactly
linear with respect to total package power loss. To rec-
oncile this complication without sacrificing modeling
simplicity—but also, not ignoring practical realities—an
approach has been taken using FEA software modeling
along with laboratory testing in a controlled environment
chamber to reasonably define and correlate the thermal
resistance values supplied in this data sheet: (1) Initially,
FEA software is used to accurately build the mechanical
geometry of the µModule and the specified PCB with all
of the correct material coefficients along with accurate
power loss source definitions; (2) this model simulates
a software defined JEDEC environment consistent with
JSED51-12 to predict power loss heat flow and tempera-
ture readings at different interfaces that enable the cal-
culation of the JEDEC-defined thermal resistance values;
(3) the model and FEA software is used to evaluate the
LTM4693 with heat sink and airflow; (4) having solved for
and analyzed these thermal resistance values and simu-
lated various operating conditions in the software model,
a thorough laboratory evaluation replicates the simulated
conditions with thermocouples within a controlled envi-
ronment chamber while operating the device at the same
power loss as simulated. An outcome of this process and
due-diligence yields a set of derating curves shown in
this data sheet.
After these laboratory test have been performed and
correlated to LTM4693 model, then the θJA is provided
assuming approximately 100% of the power loss flows
from the junction through the board into ambient with no
airflow or top mounted heat sink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com