Electronic Components Datasheet Search
  English  ▼

X  

LTM8049 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM8049
Description  Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8049 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM8049 Datasheet HTML 13Page - Analog Devices LTM8049 Datasheet HTML 14Page - Analog Devices LTM8049 Datasheet HTML 15Page - Analog Devices LTM8049 Datasheet HTML 16Page - Analog Devices LTM8049 Datasheet HTML 17Page - Analog Devices LTM8049 Datasheet HTML 18Page - Analog Devices LTM8049 Datasheet HTML 19Page - Analog Devices LTM8049 Datasheet HTML 20Page - Analog Devices LTM8049 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LTM4693
17
Rev. 0
For more information www.analog.com
SAFETY CONSIDERATIONS
The LTM4693 modules do not provide galvanic isolation
from VIN to VOUT. There is no internal fuse. If required,
a slow blow fuse with a rating twice the maximum input
current needs to be provided to protect each unit from
catastrophic failure. The device does support thermal
shutdown and short-circuit protection.
APPLICATIONS INFORMATION
Table 2. 1.8V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 9, Figure 12
3.3, 5
Figure 6
0
None
38
Figure 9, Figure 12
3.3, 5
Figure 6
200
None
34
Figure 9, Figure 12
3.3, 5
Figure 6
400
None
34
Table 3. 3.3V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 10, Figure 13
3.3, 5
Figure 7
0
None
38
Figure 10, Figure 13
3.3, 5
Figure 7
200
None
34
Figure 10, Figure 13
3.3, 5
Figure 7
400
None
34
Table 4. 5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 11 ,Figure 14
3.3, 5
Figure 8
0
None
38
Figure 11 ,Figure 14
3.3, 5
Figure 8
200
None
34
Figure 11 ,Figure 14
3.3, 5
Figure 8
400
None
34
LAYOUT CHECKLIST/EXAMPLE
The high integration of LTM4693 makes the PCB board
layout very simple and easy. However, to optimize its
electrical and thermal performance, some layout consid-
erations are still necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com