Electronic Components Datasheet Search
  English  ▼

X  

SCIMX6QP6EVT2AB Datasheet(PDF) 135 Page - NXP Semiconductors

Part # SCIMX6QP6EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP6EVT2AB Datasheet(HTML) 135 Page - NXP Semiconductors

Back Button SCIMX6QP6EVT2AB Datasheet HTML 131Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 132Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 133Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 134Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 135Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 136Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 137Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 138Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 139Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
135
4.12.21.2.3 UART IrDA Mode Timing
The following subsections give the UART transmit and receive timings in IrDA mode.
UART IrDA Mode Transmitter
Figure 96 depicts the UART IrDA mode transmit timing, with 8 data bit/1 stop bit format. Table 89 lists
the transmit timing characteristics.
Figure 96. UART IrDA Mode Transmit Timing Diagram
UART IrDA Mode Receiver
Figure 97 depicts the UART IrDA mode receive timing, with 8 data bit/1 stop bit format. Table 90 lists
the receive timing characteristics.
Figure 97. UART IrDA Mode Receive Timing Diagram
Table 89. IrDA Mode Transmit Timing Parameters
ID
Parameter
Symbol
Min
Max
Unit
UA3
Transmit Bit Time in IrDA mode
tTIRbit
1/Fbaud_rate
1 – T
ref_clk
2
1 F
baud_rate: Baud rate frequency. The maximum baud rate the UART can support is (ipg_perclk frequency)/16.
2 T
ref_clk: The period of UART reference clock ref_clk (ipg_perclk after RFDIV divider).
1/Fbaud_rate + Tref_clk
—
UA4
Transmit IR Pulse Duration
tTIRpulse
(3/16)
× (1/Fbaud_rate) – Tref_clk
(3/16)
× (1/Fbaud_rate) + Tref_clk
—
Table 90. IrDA Mode Receive Timing Parameters
ID
Parameter
Symbol
Min
Max
Unit
UA5
Receive Bit Time1 in IrDA mode
1
The UART receiver can tolerate 1/(16
× Fbaud_rate) tolerance in each bit. But accumulation tolerance in one frame must not
exceed 3/(16
× Fbaud_rate).
tRIRbit
1/Fbaud_rate
2 –
1/(16
× Fbaud_rate)
2 F
baud_rate: Baud rate frequency. The maximum baud rate the UART can support is (ipg_perclk frequency)/16.
1/Fbaud_rate +
1/(16
× Fbaud_rate)
—
UA6
Receive IR Pulse Duration
tRIRpulse
1.41
μs
(5/16)
× (1/Fbaud_rate)—
Bit 1
Bit 2
Bit 0
Bit 4
Bit 5
Bit 6
Bit 7
UARTx_TX_DATA
(output)
Bit 3
Start
Bit
STOP
BIT
POSSIBLE
PARITY
BIT
UA3
UA3
UA3
UA3
UA4
Bit 1
Bit 2
Bit 0
Bit 4
Bit 5
Bit 6
Bit 7
Bit 3
STOP
BIT
POSSIBLE
PARITY
BIT
UA5
UA5
UA5
UA5
UA6
Start
Bit
UARTx_RX_DATA
(input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com