Electronic Components Datasheet Search
  English  ▼

X  

SCIMX6QP6EVT2AB Datasheet(PDF) 93 Page - NXP Semiconductors

Part # SCIMX6QP6EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP6EVT2AB Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button SCIMX6QP6EVT2AB Datasheet HTML 89Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 90Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 91Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 92Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 93Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 94Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 95Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 96Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
93
4.12.9
I2C Module Timing Parameters
This section describes the timing parameters of the I2C module. Figure 58 depicts the timing of I2C
module, and Table 61 lists the I2C module timing characteristics.
Figure 58. I2C Bus Timing
t
F
Differential output signal fall time 20–80%
RL = 50
Ω
See Figure 57.
75
—
0.4 UI
ps
—
Differential signal overshoot
Referred to 2x V
SWING
——
15
%
—
Differential signal undershoot
Referred to 2x V
SWING
——
25
%
Data and Control Interface Specifications
tPower-up
2
HDMI 3D Tx PHY power-up time From power-down to
HSI_TX_READY assertion
—
—
3.35
ms
1 Relative to ideal recovery clock, as specified in the HDMI specification, version 1.4a, section 4.2.3.
2 For information about latencies and associated timings, see Section 4.12.7.1, “Latencies and Timing Information.”
Table 61. I2C Module Timing Parameters
ID
Parameter
Standard Mode
Fast Mode
Unit
Min
Max
Min
Max
IC1
I2Cx_SCL cycle time
10
—
2.5
—
µs
IC2
Hold time (repeated) START condition
4.0
—
0.6
—
µs
IC3
Set-up time for STOP condition
4.0
—
0.6
—
µs
IC4
Data hold time
01
3.452
01
0.92
µs
IC5
HIGH Period of I2Cx_SCL Clock
4.0
—
0.6
—
µs
IC6
LOW Period of the I2Cx_SCL Clock
4.7
—
1.3
—
µs
IC7
Set-up time for a repeated START condition
4.7
—
0.6
—
µs
IC8
Data set-up time
250
—
1003
—ns
Table 60. Switching Characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IC10
IC11
IC9
IC2
IC8
IC4
IC7
IC3
IC6
IC10
IC5
IC11
START
STOP
START
START
I2Cx_SDA
I2Cx_SCL
IC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com