Electronic Components Datasheet Search
  English  ▼

X  

SCIMX6QP6EVT2AB Datasheet(PDF) 74 Page - NXP Semiconductors

Part # SCIMX6QP6EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP6EVT2AB Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button SCIMX6QP6EVT2AB Datasheet HTML 70Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 71Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 72Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 73Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 74Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 75Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 76Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 77Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
74
NXP Semiconductors
Electrical Characteristics
4.12.2.1
ECSPI Master Mode Timing
Figure 35 depicts the timing of ECSPI in master mode and Table 47 lists the ECSPI master mode timing
characteristics.
Figure 35. ECSPI Master Mode Timing Diagram
Table 47. ECSPI Master Mode Timing Parameters
ID
Parameter
Symbol
Min
Max
Unit
CS1
ECSPIx_SCLK Cycle Time–Read
• Slow group1
• Fast group2
ECSPIx_SCLK Cycle Time–Write
1 ECSPI slow includes:
ECSPI1/DISP0_DAT22, ECSPI1/KEY_COL1, ECSPI1/CSI0_DAT6,
ECSPI2/EIM_OE, ECSPI2/ ECSPI2/CSI0_DAT10, ECSPI3/DISP0_DAT2
2 ECSPI fast includes:
ECSPI1/EIM_D17, ECSPI4/EIM_D22, ECSPI5/SD2_DAT0, ECSPI5/SD1_DAT0
tclk
55
40
15
—ns
CS2
ECSPIx_SCLK High or Low Time–Read
• Slow group1
• Fast group2
ECSPIx_SCLK High or Low Time–Write
tSW
26
20
7
—ns
CS3
ECSPIx_SCLK Rise or Fall3
3 See specific I/O AC parameters Section 4.7, “I/O AC Parameters.”
tRISE/FALL
——
ns
CS4
ECSPIx_SSx pulse width
tCSLH
Half ECSPIx_SCLK period
—
ns
CS5
ECSPIx_SSx Lead Time (CS setup time)
tSCS
Half ECSPIx_SCLK period - 4
—
ns
CS6
ECSPIx_SSx Lag Time (CS hold time)
tHCS
Half ECSPIx_SCLK period - 2
—
ns
CS7
ECSPIx_MOSI Propagation Delay (CLOAD =20 pF)
tPDmosi
-1
1
ns
CS8
ECSPIx_MISO Setup Time
• Slow group1
• Fast group2
tSmiso
21.5
16
—ns
CS9
ECSPIx_MISO Hold Time
tHmiso
0—
ns
CS10
ECSPIx_RDY to ECSPIx_SSx Time4
4 ECSPI_RDY is sampled internally by ipg_clk and is asynchronous to all other CSPI signals.
tSDRY
5—
ns
CS1
CS7
CS2
CS2
CS4
CS6
CS5
CS8
CS9
ECSPIx_SCLK
ECSPIx_SS_B
ECSPIx_MOSI
ECSPIx_MISO
ECSPIx_RDY_B
CS10
CS3
CS3
Note: ECSPIx_MOSI is always driven (not tri-stated) between actual data transmissions. This limits the ECSPI to be
connected between a single master and a single slave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com