Electronic Components Datasheet Search
  English  ▼

X  

SCIMX6QP6EVT2AB Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SCIMX6QP6EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP6EVT2AB Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SCIMX6QP6EVT2AB Datasheet HTML 19Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 20Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 21Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 22Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 23Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 24Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 25Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 26Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
23
4.1.3
Operating Ranges
Table 6 provides the operating ranges of the i.MX 6DualPlus/6QuadPlus processors.
Table 6. Operating Ranges
Parameter
Description
Symbol
Min
Typ
Max1
Unit
Comment2
Run mode:
LDO enabled
VDD_ARM_IN
VDD_ARM23_IN3
1.354
—
1.5
V
LDO Output Set Point (VDD_ARM_CAP5) of
1.225 V minimum for operation up to 852 MHz
or 996 MHz (depending on the device speed
grade).
1.2754
—
1.5
V
LDO Output Set Point (VDD_ARM_CAP5) of
1.150 V minimum for operation up to 792 MHz.
1.054
—
1.5
V
LDO Output Set Point (VDD_ARM_CAP5) of
0.925 V minimum for operation up to 396 MHz.
VDD_SOC_IN6
1.354
—
1.5
V
264 MHz < VPU
≤ 352 MHz; VDDSOC and
VDDPU LDO outputs (VDD_SOC_CAP and
VDD_PU_CAP) require 1.225 V minimum.
1.2754,7
—
1.5
V
VPU
≤ 264 MHz; VDDSOC and VDDPU LDO
outputs (VDD_SOC_CAP and VDD_PU_CAP)
require 1.15 V minimum.
Run mode:
LDO bypassed8
VDD_ARM_IN
VDD_ARM23_IN3
1.225
—
1.3
V
LDO bypassed for operation up to 852 MHz or
996 MHz (depending on the device speed
grade).
1.150
—
1.3
V
LDO bypassed for operation up to 792 MHz.
0.925
—
1.3
V
LDO bypassed for operation up to 396 MHz.
VDD_SOC_IN6
1.225
—
1.3
V
264 MHz < VPU
≤ 352 MHz
1.15
—
1.3
V
VPU
≤ 264 MHz
Standby/DSM mode
VDD_ARM_IN
VDD_ARM23_IN3
0.9
—
1.3
V
See Table 9, “Stop Mode Current and Power
Consumption,” on page 28.
VDD_SOC_IN
1.05
—
1.3
V
VDD_HIGH internal
regulator
VDD_HIGH_IN9
2.7
—
3.6
V
Must match the range of voltages that the
rechargeable backup battery supports.
Backup battery supply
range
VDD_SNVS_IN9
2.8
—
3.6
V
Should be supplied from the same supply as
VDD_HIGH_IN, if the system does not require
keeping real time and other data on OFF state.
USB supply voltages
USB_OTG_VBUS
4.4
—
5.25
V
—
USB_H1_VBUS
4.4
—
5.25
V
—
DDR I/O supply
NVCC_DRAM
1.14
1.2
1.3
V
LPDDR2
1.425
1.5
1.575
V
DDR3
1.283
1.35
1.45
V
DDR3L
Supply for RGMII I/O
power group10
NVCC_RGMII
1.15
—
2.625
V
• 1.15 V – 1.30 V in HSIC 1.2 V mode
• 1.43 V – 1.58 V in RGMII 1.5 V mode
• 1.70 V – 1.90 V in RGMII 1.8 V mode
• 2.25 V – 2.625 V in RGMII 2.5 V mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com