Electronic Components Datasheet Search
  English  ▼

X  

SCIMX6QP6EVT2AB Datasheet(PDF) 56 Page - NXP Semiconductors

Part # SCIMX6QP6EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP6EVT2AB Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button SCIMX6QP6EVT2AB Datasheet HTML 52Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 53Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 54Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 55Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 56Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 57Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 58Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 59Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
56
NXP Semiconductors
Electrical Characteristics
WE4
Clock rise to address valid
-0.5
× t × (k+1) - 1.25
-0.5
× t × (k+1) + 2.25
ns
WE5
Clock rise to address invalid
0.5
× t × (k+1) - 1.25
0.5
× t × (k+1) + 2.25
ns
WE6
Clock rise to EIM_CSx_B valid
-0.5
× t × (k+1) - 1.25
-0.5
× t × (k+1) + 2.25
ns
WE7
Clock rise to EIM_CSx_B invalid
0.5
× t × (k+1) - 1.25
0.5
× t × (k+1) + 2.25
ns
WE8
Clock rise to EIM_WE_B valid
-0.5
× t × (k+1) - 1.25
-0.5
× t × (k+1) + 2.25
ns
WE9
Clock rise to EIM_WE_B invalid
0.5
× t × (k+1) - 1.25
0.5
× t × (k+1) + 2.25
ns
WE10
Clock rise to EIM_OE_B valid
-0.5
× t × (k+1) - 1.25
-0.5
× t × (k+1) + 2.25
ns
WE11
Clock rise to EIM_OE_B invalid
0.5
× t × (k+1) - 1.25
0.5
× t × (k+1) + 2.25
ns
WE12
Clock rise to EIM_EBx_B valid
-0.5
× t × (k+1) - 1.25
-0.5
× t × (k+1) + 2.25
ns
WE13
Clock rise to EIM_EBx_B invalid
0.5
× t × (k+1) - 1.25
0.5
× t × (k+1) + 2.25
ns
WE14
Clock rise to EIM_LBA_B valid
-0.5
× t × (k+1) - 1.25
-0.5
× t × (k+1) + 2.25
ns
WE15
Clock rise to EIM_LBA_B invalid
0.5
× t × (k+1) - 1.25
0.5
× t × (k+1) + 2.25
ns
WE16
Clock rise to output data valid
-0.5
× t × (k+1) - 1.25
-0.5
× t × (k+1) + 2.25
ns
WE17
Clock rise to output data invalid
0.5
× t × (k+1) - 1.25
0.5
× t × (k+1) + 2.25
ns
WE18
Input data setup time to clock rise
2.3
—
ns
WE19
Input data hold time from clock rise
2
—
ns
WE20
EIM_WAIT_B setup time to clock rise
2
—
ns
WE21
EIM_WAIT_B hold time from clock rise
2
—
ns
1 k represents register setting BCD value.
2 t is clock period (1/Freq). For 104 MHz, t = 9.165 ns.
Table 41. EIM Bus Timing Parameters (continued)
ID
Parameter
Min1
Max1
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com