Electronic Components Datasheet Search
  English  ▼

X  

SCIMX6QP6EVT2AB Datasheet(PDF) 158 Page - NXP Semiconductors

Part # SCIMX6QP6EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP6EVT2AB Datasheet(HTML) 158 Page - NXP Semiconductors

Back Button SCIMX6QP6EVT2AB Datasheet HTML 154Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 155Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 156Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 157Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 158Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 159Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 160Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 161Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 162Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
158
NXP Semiconductors
Package Information and Contact Assignments
6.2.4
Signals with Different Reset States
For most of the signals, the state during reset is same as the state after reset, given in Out of Reset Condition
column of Table 96, “21 x 21 mm Functional Contact Assignments”. However, there are few signals for
which the state during reset is different from the state after reset. These signals along with their state during
reset are given in Table 97.
2 Variance of the pull-up and pull-down strengths are shown in the tables as follows:
• Table 22, “GPIO I/O DC Parameters,” on page 40.
• Table 24, “LPDDR2 I/O DC Electrical Parameters,” on page 42.
• Table 25, “DDR3/DDR3L I/O DC Electrical Parameters,” on page 42.
3 ENET_REF_CLK is used as a clock source for MII and RGMII modes only. RMII mode uses either GPIO_16 or RGMII_TX_CTL
as a clock source. For more information on these clocks, see your specific device reference manual and the Hardware
Development Guide for i.MX 6Quad, 6Dual, 6DualLite, 6Solo Families of Applications Processors (IMX6DQ6SDLHDG).
Table 97. Signals with Differing Before Reset and After Reset States
Ball Name
Before Reset State
Input/Output
Value
EIM_A16
Input
PD (100K)
EIM_A17
Input
PD (100K)
EIM_A18
Input
PD (100K)
EIM_A19
Input
PD (100K)
EIM_A20
Input
PD (100K)
EIM_A21
Input
PD (100K)
EIM_A22
Input
PD (100K)
EIM_A23
Input
PD (100K)
EIM_A24
Input
PD (100K)
EIM_A25
Input
PD (100K)
EIM_DA0
Input
PD (100K)
EIM_DA1
Input
PD (100K)
EIM_DA2
Input
PD (100K)
EIM_DA3
Input
PD (100K)
EIM_DA4
Input
PD (100K)
EIM_DA5
Input
PD (100K)
EIM_DA6
Input
PD (100K)
EIM_DA7
Input
PD (100K)
EIM_DA8
Input
PD (100K)
EIM_DA9
Input
PD (100K)
EIM_DA10
Input
PD (100K)
EIM_DA11
Input
PD (100K)
EIM_DA12
Input
PD (100K)
EIM_DA13
Input
PD (100K)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com