Electronic Components Datasheet Search
  English  ▼

X  

SCIMX6QP6EVT2AB Datasheet(PDF) 128 Page - NXP Semiconductors

Part # SCIMX6QP6EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP6EVT2AB Datasheet(HTML) 128 Page - NXP Semiconductors

Back Button SCIMX6QP6EVT2AB Datasheet HTML 124Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 125Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 126Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 127Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 128Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 129Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 130Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 131Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 132Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
128
NXP Semiconductors
Electrical Characteristics
4.12.20.2 SSI Receiver Timing with Internal Clock
Figure 91 depicts the SSI receiver internal clock timing and Table 83 lists the timing parameters for the
receiver timing with the internal clock.
Figure 91. SSI Receiver Internal Clock Timing Diagram
Table 83. SSI Receiver Timing with Internal Clock
ID
Parameter
Min
Max
Unit
Internal Clock Operation
SS1
AUDx_TXC/AUDx_RXC clock period
81.4
—
ns
SS2
AUDx_TXC/AUDx_RXC clock high period
36.0
—
ns
SS3
AUDx_TXC/AUDx_RXC clock rise time
—
6.0
ns
SS4
AUDx_TXC/AUDx_RXC clock low period
36.0
—
ns
SS5
AUDx_TXC/AUDx_RXC clock fall time
—
6.0
ns
SS7
AUDx_RXC high to AUDx_TXFS (bl) high
—
15.0
ns
SS9
AUDx_RXC high to AUDx_TXFS (bl) low
—
15.0
ns
SS11
AUDx_RXC high to AUDx_TXFS (wl) high
—
15.0
ns
SS13
AUDx_RXC high to AUDx_TXFS (wl) low
—
15.0
ns
SS20
AUDx_RXD setup time before AUDx_RXC low
10.0
—
ns
SS21
AUDx_RXD hold time after AUDx_RXC low
0.0
—
ns
SS50
SS48
SS1
SS4
SS2
SS51
SS20
SS21
SS49
SS7
SS9
SS11
SS13
SS47
SS3
SS5
AUDx_TXC
(Output)
AUDx_TXFS (bl)
(Output)
AUDx_TXFS (wl)
(Output)
AUDx_RXD
(Input)
AUDx_RXC
(Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com