Electronic Components Datasheet Search
  English  ▼

X  

SCIMX6DP6EVT2AB Datasheet(PDF) 130 Page - NXP Semiconductors

Part # SCIMX6DP6EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP6EVT2AB Datasheet(HTML) 130 Page - NXP Semiconductors

Back Button SCIMX6DP6EVT2AB Datasheet HTML 126Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 127Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 128Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 129Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 130Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 131Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 132Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 133Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 134Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
130
NXP Semiconductors
Electrical Characteristics
4.12.20.3 SSI Transmitter Timing with External Clock
Figure 92 depicts the SSI transmitter external clock timing and Table 84 lists the timing parameters for
the transmitter timing with the external clock.
Figure 92. SSI Transmitter External Clock Timing Diagram
Table 84. SSI Transmitter Timing with External Clock
ID
Parameter
Min
Max
Unit
External Clock Operation
SS22
AUDx_TXC/AUDx_RXC clock period
81.4
—
ns
SS23
AUDx_TXC/AUDx_RXC clock high period
36.0
—
ns
SS24
AUDx_TXC/AUDx_RXC clock rise time
—
6.0
ns
SS25
AUDx_TXC/AUDx_RXC clock low period
36.0
—
ns
SS26
AUDx_TXC/AUDx_RXC clock fall time
—
6.0
ns
SS27
AUDx_TXC high to AUDx_TXFS (bl) high
–10.0
15.0
ns
SS29
AUDx_TXC high to AUDx_TXFS (bl) low
10.0
—
ns
SS31
AUDx_TXC high to AUDx_TXFS (wl) high
–10.0
15.0
ns
SS33
AUDx_TXC high to AUDx_TXFS (wl) low
10.0
—
ns
SS37
AUDx_TXC high to AUDx_TXD valid from high impedance
—
15.0
ns
SS38
AUDx_TXC high to AUDx_TXD high/low
—
15.0
ns
SS39
AUDx_TXC high to AUDx_TXD high impedance
—
15.0
ns
SS45
SS33
SS24
SS26
SS25
SS23
Note: AUDx_RXD Input in Synchronous mode only
SS31
SS29
SS27
SS22
SS44
SS39
SS38
SS37
SS46
AUDx_TXC
(Input)
AUDx_TXFS (bl)
(Input)
AUDx_TXFS (wl)
(Input)
AUDx_TXD
(Output)
AUDx_RXD
(Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com