Electronic Components Datasheet Search
  English  ▼

X  

SCIMX6DP6EVT2AB Datasheet(PDF) 43 Page - NXP Semiconductors

Part # SCIMX6DP6EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP6EVT2AB Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button SCIMX6DP6EVT2AB Datasheet HTML 39Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 40Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 41Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 42Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 43Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 44Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 45Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 46Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
43
4.6.5
LVDS I/O DC Parameters
The LVDS interface complies with TIA/EIA 644-A standard. See TIA/EIA STANDARD 644-A,
“Electrical Characteristics of Low Voltage Differential Signaling (LVDS) Interface Circuits” for details.
Table 26 shows the Low Voltage Differential Signaling (LVDS) I/O DC parameters.
4.6.6
MLB 6-Pin I/O DC Parameters
The MLB interface complies with Analog Interface of 6-pin differential Media Local Bus specification
version 4.1. See 6-pin differential MLB specification v4.1, “MediaLB 6-pin interface Electrical
Characteristics” for details.
NOTE
The MLB 6-pin interface does not support speed mode 8192fs.
Table 27 shows the Media Local Bus (MLB) I/O DC parameters.
DC input Logic High
Vih(dc)
—
Vref+0.1
OVDD
V
DC input Logic Low
Vil(dc)
—
OVSS
Vref-0.1
V
Differential input Logic High
Vih(diff)
—
0.2
See Note3
V
Differential input Logic Low
Vil(diff)
—
See Note3
-0.2
V
Termination Voltage
Vtt
Vtt tracking OVDD/2
0.49
× OVDD
0.51
× OVDD
V
Input current (no pull-up/down)
Iin
Vin = 0 or OVDD
-2.9
2.9
μA
Pull-up/pull-down impedance mismatch
MMpupd
—-10
10
%
240
Ω unit calibration resolution
Rres
—
—
10
Ω
Keeper circuit resistance
Rkeep
—
105
175
k
Ω
1 OVDD – I/O power supply (1.425 V–1.575 V for DDR3 and 1.283 V–1.45 V for DDR3L).
2 Vref – DDR3/DDR3L external reference voltage.
3 The single-ended signals need to be within the respective limits (Vih(dc) max, Vil(dc) min) for single-ended signals as well as
the limitations for overshoot and undershoot (see Table 31).
Table 26. LVDS I/O DC Parameters
Parameter
Symbol
Test Conditions
Min
Max
Unit
Output Differential Voltage
VOD
Rload=100
Ω between padP and padN
250
450
mV
Output High Voltage
VOH
IOH = 0 mA
1.25
1.6
V
Output Low Voltage
VOL
IOL = 0 mA
0.9
1.25
Offset Voltage
VOS
—
1.125
1.375
Table 25. DDR3/DDR3L I/O DC Electrical Parameters (continued)
Parameters
Symbol
Test Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com