Electronic Components Datasheet Search
  English  ▼

X  

SCIMX6DP6EVT2AB Datasheet(PDF) 42 Page - NXP Semiconductors

Part # SCIMX6DP6EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP6EVT2AB Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button SCIMX6DP6EVT2AB Datasheet HTML 38Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 39Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 40Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 41Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 42Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 43Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 44Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 45Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
42
NXP Semiconductors
Electrical Characteristics
4.6.4.1
LPDDR2 Mode I/O DC Parameters
For details on supported DDR memory configurations, see Section 4.10.2, “MMDC Supported
DDR3/DDR3L/LPDDR2 Configurations.”
The parameters in Table 24 are guaranteed per the operating ranges in Table 6, unless otherwise noted.
4.6.4.2
DDR3/DDR3L Mode I/O DC Parameters
For details on supported DDR memory configurations, see Section 4.10.2, “MMDC Supported
DDR3/DDR3L/LPDDR2 Configurations.”
The parameters in Table 25 are guaranteed per the operating ranges in Table 6, unless otherwise noted.
Table 24. LPDDR2 I/O DC Electrical Parameters1
1 Note that the JEDEC LPDDR2 specification (JESD209_2B) supersedes any specification in this document.
Parameters
Symbol
Test Conditions
Min
Max
Unit
High-level output voltage
Voh
Ioh = -0.1 mA
0.9
× OVDD
—
V
Low-level output voltage
Vol
Iol = 0.1 mA
—
0.1
× OVDD
V
Input reference voltage
Vref
—
0.49
× OVDD
0.51
× OVDD
DC input High Voltage
Vih(dc)
—
Vref+0.13V
OVDD
V
DC input Low Voltage
Vil(dc)
—
OVSS
Vref-0.13V
V
Differential Input Logic High
Vih(diff)
—
0.26
See Note 2
2 The single-ended signals need to be within the respective limits (Vih(dc) max, Vil(dc) min) for single-ended signals as well as
the limitations for overshoot and undershoot (see Table 30).
—
Differential Input Logic Low
Vil(diff)
—
See Note 2
-0.26
—
Input current (no pull-up/down)
Iin
Vin = 0 or OVDD
-2.5
2.5
μA
Pull-up/pull-down impedance mismatch
MMpupd
—
-15
+15
%
240
Ω unit calibration resolution
Rres
—
—
10
Ω
Keeper circuit resistance
Rkeep
—
110
175
k
Ω
Table 25. DDR3/DDR3L I/O DC Electrical Parameters
Parameters
Symbol
Test Conditions
Min
Max
Unit
High-level output voltage
Voh
Ioh = -0.1 mA
Voh (DSE = 001)
0.8
× OVDD1
—V
Ioh = -1 mA
Voh (for all except DSE = 001)
Low-level output voltage
Vol
Iol = 0.1 mA
Vol (DSE = 001)
—0.2
× OVDD
V
Iol = 1 mA
Vol (for all except DSE = 001)
Input reference voltage
Vref2
—0.49
× OVDD
0.51
× OVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com