Electronic Components Datasheet Search
  English  ▼

X  

SCIMX6DP6EVT2AB Datasheet(PDF) 55 Page - NXP Semiconductors

Part # SCIMX6DP6EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP6EVT2AB Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button SCIMX6DP6EVT2AB Datasheet HTML 51Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 52Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 53Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 54Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 55Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 56Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 57Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 58Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
55
4.9.3.2
General EIM Timing-Synchronous Mode
Figure 12, Figure 13, and Table 41 specify the timings related to the EIM module. All EIM output control
signals may be asserted and deasserted by an internal clock synchronized to the EIM_BCLK rising edge
according to corresponding assertion/negation control fields.
Figure 12. EIM Output Timing Diagram
Figure 13. EIM Input Timing Diagram
4.9.3.3
Examples of EIM Synchronous Accesses
Table 41. EIM Bus Timing Parameters
ID
Parameter
Min1
Max1
Unit
WE1
EIM_BCLK cycle time2
t
× (k+1)
—
ns
WE2
EIM_BCLK high level width
0.4
× t × (k+1)
—
ns
WE3
EIM_BCLK low level width
0.4
× t × (k+1)
—
ns
WE4
EIM_ADDRxx
EIM_CSx_B
EIM_WE_B
EIM_OE_B
EIM_BCLK
EIM_EBx_B
EIM_LBA_B
Output Data
...
WE5
WE6
WE7
WE8
WE9
WE10
WE11
WE12
WE13
WE14
WE15
WE16
WE17
WE3
WE2
WE1
Input Data
EIM_WAIT_B
EIM_BCLK
WE19
WE18
WE21
WE20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com