Electronic Components Datasheet Search
  English  ▼

X  

SCIMX6DP6EVT2AB Datasheet(PDF) 30 Page - NXP Semiconductors

Part # SCIMX6DP6EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP6EVT2AB Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button SCIMX6DP6EVT2AB Datasheet HTML 26Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 27Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 28Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 29Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 30Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 31Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 32Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 33Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
30
NXP Semiconductors
Electrical Characteristics
4.1.7
USB PHY Current Consumption
4.1.7.1
Power Down Mode
In power down mode, everything is powered down, including the VBUS valid detectors, typical condition.
Table 10 shows the USB interface current consumption in power down mode.
NOTE
The currents on the VDD_HIGH_CAP and VDD_USB_CAP were
identified to be the voltage divider circuits in the USB-specific level shifters.
4.1.8
SATA Typical Power Consumption
Table 11 provides SATA PHY currents for certain Tx operating modes.
NOTE
Tx power consumption values are provided for a single transceiver. If
T = single transceiver power and C = Clock module power, the total power
required for N lanes = N x T + C.
Table 10. USB PHY Current Consumption in Power Down Mode
VDD_USB_CAP (3.0 V)
VDD_HIGH_CAP (2.5 V)
NVCC_PLL_OUT (1.1 V)
Current
5.1
μA1.7 μA
<0.5
μA
Table 11. SATA PHY Current Drain
Mode
Test Conditions
Supply
Typical Current
Unit
P0: Full-power state1
Single Transceiver
SATA_VP
11
mA
SATA_VPH
13
Clock Module
SATA_VP
6.9
SATA_VPH
6.2
P0: Mobile2
Single Transceiver
SATA_VP
11
mA
SATA_VPH
11
Clock Module
SATA_VP
6.9
SATA_VPH
6.2
P0s: Transmitter idle
Single Transceiver
SATA_VP
9.4
mA
SATA_VPH
2.9
Clock Module
SATA_VP
6.9
SATA_VPH
6.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com