Electronic Components Datasheet Search
  English  ▼

X  

SCIMX6DP6EVT2AB Datasheet(PDF) 165 Page - NXP Semiconductors

Part # SCIMX6DP6EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP6EVT2AB Datasheet(HTML) 165 Page - NXP Semiconductors

Back Button SCIMX6DP6EVT2AB Datasheet HTML 158Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 159Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 160Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 161Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 162Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 163Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 164Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 165Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 166Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 165 / 166 page
background image
Revision History
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
165
2
(Cont.)
11/2018
• Section 4.6.4, “RGMII I/O 2.5V I/O DC Electrical Parameters” on page 41: Added section and table.
• Section 4.10, “Multi-Mode DDR Controller (MMDC)” on page 64: Replaced section with new content.
Was 4.9.4 “DDR SDRAM Specific Parameters (DDR3/DDR3L/LPDDR2)” with timing diagrams and
parameter tables for DDR.
• Table 51, “eMMC4.4/4.41 Interface Timing Specification,” on page 81:
– Corrected SD3, uSDHC Input Setup Time, minimum value from 2.6ns to 1.7ns.
– Added footnote to Card Input Clock regarding duty cycle range.
• Table 52, “SDR50/SDR104 Interface Timing Specification,” on page 82: Changes to Min/Max values:
– SD2 min from: 0.3 x tCLK; to: 0.46 x tCLK
– SD2 max from: 0.7 x tCLK to: 0.54 x tCLK
– SD3 min from: 0.3 x tCLK; to: 0.46 x tCLK. Also corrected ID from duplicate SD2 to SD3.
– SD3 max from: 0.7 x tCLK; to: 0.54 x tCLK
– SD5 max from: 1 ns; to: 0.74 ns
• Table 62, “Camera Input Signal Cross Reference, Format, and Bits Per Cycle,” on page 95: Changed
RGB565, 16 bits column heading from 2 cycles to 1 cycle.
• Table 95, “21 x 21 mm Supplies Contact Assignment,” on page 144:
– Added description to ZQPAD.
– Added description to GPANAIO row: “…output for NXP use only…”
• Table 96, “21 x 21 mm Functional Contact Assignments,” on page 146:
– Changed DRAM_SDCLK_0,DRAM_SDCLK_1 from “Input–Hi-Z” to “Output–0”.
• Section 6.2.1.1, “21 x 21 mm Lidded Package” on page 142: Added section.
1
3/2016
Revision 1 changes are within Table 20, “Maximum Supply Currents” on page 48
Changed:
• VDD-ARM_IN with condition 996 MHz, CoreMark maximum current value from 1500 to 1200
VDD-ARM_IN with condition 852 MHz, CoreMark maximum current value from 1360 to 1090
• Added footnote regarding values are assumed when VDD_ARM23_IN and VDD_ARM23_CAP are
connected to ground.
0
12/2015 Initial Release
Table 99. i.MX 6DualPlus/6QuadPlus Data Sheet Document Revision History (continued)
Rev.
Number
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com