Electronic Components Datasheet Search
  English  ▼

X  

SCIMX6DP6EVT2AB Datasheet(PDF) 104 Page - NXP Semiconductors

Part # SCIMX6DP6EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP6EVT2AB Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button SCIMX6DP6EVT2AB Datasheet HTML 100Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 101Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 102Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 103Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 104Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 105Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 106Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 107Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
104
NXP Semiconductors
Electrical Characteristics
Table 65 shows timing characteristics of signals presented in Figure 63 and Figure 64.
Table 65. Synchronous Display Interface Timing Characteristics (Pixel Level)
ID
Parameter
Symbol
Value
Description
Unit
IP5
Display interface clock period
Tdicp
(see1)
Display interface clock IPP_DISP_CLK
ns
IP6
Display pixel clock period
Tdpcp
DISP_CLK_PER_PIXEL
× Tdicp
Time of translation of one pixel to display,
DISP_CLK_PER_PIXEL—number of pixel
components in one pixel (1.n).
The DISP_CLK_PER_PIXEL is virtual
parameter to define display pixel clock
period.
The DISP_CLK_PER_PIXEL is received by
DC/DI one access division to n
components.
ns
IP7
Screen width time
Tsw
(SCREEN_WIDTH)
× Tdicp
SCREEN_WIDTH—screen width in,
interface clocks. horizontal blanking
included.
The SCREEN_WIDTH should be built by
suitable DI’s counter2.
ns
IP8
HSYNC width time
Thsw
(HSYNC_WIDTH)
HSYNC_WIDTH—Hsync width in DI_CLK
with 0.5 DI_CLK resolution. Defined by DI’s
counter.
ns
IP9
Horizontal blank interval 1
Thbi1
BGXP
× Tdicp
BGXP—width of a horizontal blanking
before a first active data in a line (in
interface clocks). The BGXP should be built
by suitable DI’s counter.
ns
IP10
Horizontal blank interval 2
Thbi2
(SCREEN_WIDTH –
BGXP – FW)
× Tdicp
Width a horizontal blanking after a last
active data in a line (in interface clocks)
FW—with of active line in interface clocks.
The FW should be built by suitable DI’s
counter.
ns
IP12
Screen height
Tsh
(SCREEN_HEIGHT)
× Tsw
SCREEN_HEIGHT— screen height in lines
with blanking.
The SCREEN_HEIGHT is a distance
between 2 VSYNCs.
The SCREEN_HEIGHT should be built by
suitable DI’s counter.
ns
IP13
VSYNC width
Tvsw
VSYNC_WIDTH
VSYNC_WIDTH—Vsync width in DI_CLK
with 0.5 DI_CLK resolution. Defined by DI’s
counter.
ns
IP14
Vertical blank interval 1
Tvbi1
BGYP
× Tsw
BGYP—width of first Vertical
blanking interval in line. The BGYP should
be built by suitable DI’s counter.
ns
IP15
Vertical blank interval 2
Tvbi2
(SCREEN_HEIGHT –
BGYP – FH)
× Tsw
Width of second vertical blanking interval in
line. The FH should be built by suitable DI’s
counter.
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com