Electronic Components Datasheet Search
  English  ▼

X  

SMAFJ Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMAFJ
Description  600W Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMAFJ Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMAFJ Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMAFJ Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMAFJ Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SMAFJ Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics
Part Number
Reverse
Stand off
Voltage
VRWM
(Volts)
Breakdown
Voltage
VBR(Volts)@IT
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
Vc@IPP
(Volts)
Maximum
Peak Pulse
Current
Ipp
(Amps)
Maximum
Reverse
Leakage
IR@VRWM
(μA)
UNI-POLAR
BI-POLAR
MIN
MAX
P6SMAFJ5.0A
P6SMAFJ5.0CA
5.0
6.40
7.07
10
9.2
65.2
800
P6SMAFJ6.0A
P6SMAFJ6.0CA
6.0
6.67
7.37
10
10.3
58.3
800
P6SMAFJ6.5A
P6SMAFJ6.5CA
6.5
7.22
7.98
10
11.2
53.6
500
P6SMAFJ7.0A
P6SMAFJ7.0CA
7.0
7.78
8.60
10
12.0
50.0
200
P6SMAFJ8.0A
P6SMAFJ8.0CA
8.0
8.89
9.83
1
13.6
44.1
50
P6SMAFJ10A
P6SMAFJ10CA
10
11.10
12.30
1
17.0
35.3
5
P6SMAFJ12A
P6SMAFJ12CA
12
13.30
14.7
1
19.9
30.2
5
P6SMAFJ14A
P6SMAFJ14CA
14
15.60
17.20
1
23.2
25.9
1
P6SMAFJ15A
P6SMAFJ15CA
15
16.70
18.50
1
24.4
24.6
1
P6SMAFJ16A
P6SMAFJ16CA
16
17.80
19.70
1
26.0
23.1
1
P6SMAFJ18A
P6SMAFJ18CA
18
20.00
22.10
1
29.2
20.5
1
P6SMAFJ20A
P6SMAFJ20CA
20
22.20
24.50
1
32.4
18.5
1
P6SMAFJ22A
P6SMAFJ22CA
22
24.40
26.90
1
35.5
16.9
1
P6SMAFJ24A
P6SMAFJ24CA
24
26.70
29.50
1
38.9
15.4
1
P6SMAFJ26A
P6SMAFJ26CA
26
28.90
31.90
1
42.1
14.3
1
P6SMAFJ28A
P6SMAFJ28CA
28
31.10
34.40
1
45.4
13.2
1
P6SMAFJ30A
P6SMAFJ30CA
30
33.30
36.80
1
48.4
12.4
1
P6SMAFJ33A
P6SMAFJ33CA
33
36.70
40.60
1
53.3
11.3
1
P6SMAFJ36A
P6SMAFJ36CA
36
40.00
44.20
1
58.1
10.3
1
P6SMAFJ40A
P6SMAFJ40CA
40
44.40
49.10
1
64.5
9.3
1
P6SMAFJ43A
P6SMAFJ43CA
43
47.80
52.80
1
69.4
8.6
1
P6SMAFJ45A
P6SMAFJ45CA
45
50.00
55.30
1
72.7
8.3
1
P6SMAFJ48A
P6SMAFJ48CA
48
53.30
58.90
1
77.4
7.8
1
P6SMAFJ51A
P6SMAFJ51CA
51
56.70
62.70
1
82.4
7.3
1
P6SMAFJ54A
P6SMAFJ54CA
54
60.00
66.30
1
87.1
6.9
1
P6SMAFJ58A
P6SMAFJ58CA
58
64.40
71.20
1
93.6
6.4
1
P6SMAFJ60A
P6SMAFJ60CA
60
66.70
73.70
1
96.8
6.2
1
P6SMAFJ64A
P6SMAFJ64CA
64
71.10
78.60
1
103
5.8
1
SMAFJ Series 600W Transient Voltage Suppressor
Rev :
www.leiditech.com
01.06.2018
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com