Electronic Components Datasheet Search
  English  ▼

X  

SMAFJ Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMAFJ
Description  600W Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMAFJ Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMAFJ Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMAFJ Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMAFJ Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SMAFJ Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A
C
D
B
F
G
E
Outline Drawing – SMAF
Ref.(mm)
Millimeters
Min.
Max.
A
3.30
3.70
B
4.40
4.90
C
1.30
1.60
D
2.40
2.80
E
0.70
1.30
F
0.10
0.30
G
0.90
1.15
Recommended Solder Pad Layout
1.6
2.8
Dimensions in mm
Part Numbering System
Part Marking System
Cathode Band
(For uni-directional products only)
XXCA
XXXX
C(Bidirectional) or not
Voltage
Date Code
Package Information
5000 Pcs/Reel
1.6
SMAFJ Series 600W Transient Voltage Suppressor
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2018
4/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com