Electronic Components Datasheet Search
  English  ▼

X  

SMAFJ Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMAFJ
Description  600W Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMAFJ Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMAFJ Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMAFJ Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMAFJ Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SMAFJ Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Reflow Condition
Pre Heat
Temp. min (Ts(min))
150°C
Temp. max (Ts(max))
200°C
Time (min to max) (ts)
60-190 s
Average ramp up rate (Liquidus Temp.)
(TL) to peak
3°C/s max
Ts(max) to TL - Ramp-up Rate
3°C/s max
Reflow
Temperature (TL) (Liquidus) 217°C
Temperature (tL)
60-150 s
Peak Temperature (TP)
260+0/-5 °C
Time within actual peak Temperature
(tp)
20-40 s
Ramp-down Rate
5°C/s max
Time 25°C to peak Temperature (TP)
8 minutes max
Do not exceed
260°C
Typical Characteristics
Figure 1: Peak Pulse Power Rating Curve
Figure 2: Pulse Derating Curve
110
100
90
80
70
60
50
40
30
20
10
0
td – Pulse Width - µs
Ambient Temperature - TA (℃)
Figure 3: Pulse Waveform
Figure 4: Maximum Non-Repetitive
Forward Surge Current Only Unidirectional
150
100
50
180
160
140
120
100
80
60
40
0
0
1.0
2.0
t - Time (ms)
3.0
20
0
4.0
1
10
Number of Cycles at 60HZ
100
Recommended Soldering Parameters
600W 10/1000µs
Waveform
Tj =25℃
Pulse Width(td ) is
defined as the point
where the peak current
decays to 50% of IPP M
tr =10µs– Rise Time
IPPM –Peak Value
IPPM /2– Half Value
10/1000µs
Waveform as
defined by
R.E.A
td – Pulse Width
SMAFJ Series 600W Transient Voltage Suppressor
Rev :
www.leiditech.com
01.06.2018
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com