Electronic Components Datasheet Search
  English  ▼

X  

SMAFJ Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMAFJ
Description  600W Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMAFJ Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMAFJ Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMAFJ Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMAFJ Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SMAFJ Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
600 watts Peak Pulse Power (10/1000 μs)
Unidirectional and Bidirectional Protection
Fast Response Time : Typically < 1ns
Excellent Clamping Capability
Built-in Strain relief
Low inductance
Low profile package
High temperature solder:260℃/10 seconds at terminal
Mechanical Characteristics
Applications
SMAF package
Molding compound flammability rating:
UL 94V-0
Marking : Marking Code
Packaging : Tape and Reel per EIA 481
RoHS Compliant
I/O Interfaces
Power lines
Automotive and Telecommunication
Computers &Consumer Electronics
Industrial Electronics
Absolute Maximum Rating
Rating
Symbol
Value
Units
Peak Pulse Power (tp=10/1000μs) (see Note1,2& 3)
PPPM
600
Watts
Peak pulse current (tp=10/1000μs) (see Note2&3)
IPPM
See Electrical
Characteristics
A
Peak Forward surge current (see Note4&5)
IFSM
100
A
Operating Junction Temperature range
TJ
-55 to + 150
℃
Storage Temperature range
TSTG
-55 to + 150
℃
Note1: Peak Pulse Power Rating as Pulse Width per Fig1.
Note2: Peak Pulse Power or Current Derated above TA=25℃ Per Fig. 2 and Non-Repetitive Current Pulse, Per Fig.3.
Note3: Mounted on 5.0x5.0mm2 copper pad to each terminal.
Note4: 8.3ms Single Half Sine Wave or Equivalent Square Wave.
Note5: Maximum Forward Surge Current only for Unidirectional Device per Fig4.
SMAFJ Series 600W Transient Voltage Suppressor
Rev :
www.leiditech.com
01.06.2018
1/4


Similar Part No. - SMAFJ

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
SMAFJ SKTECHNOLGY-SMAFJ Datasheet
669Kb / 4P
Surface mount transient voltage suppressor power 400 watts
logo
Shenzhen Luguang Electr...
SMAFJ LUGUANG-SMAFJ Datasheet
1Mb / 3P
Surface mount transient voltage suppressor power 400 watts
20170701-P1
logo
SUNMATE electronic Co.,...
SMAFJ10 SUNMATE-SMAFJ10 Datasheet
666Kb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMAFJ100 SUNMATE-SMAFJ100 Datasheet
666Kb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMAFJ100A SUNMATE-SMAFJ100A Datasheet
666Kb / 5P
SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
More results

Similar Description - SMAFJ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
600w Transient Voltage Suppressor
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
600W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
600W Transient Voltage Suppressor
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
600W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
600W Transient Voltage Suppressor
P6SMB LEIDITECH-P6SMB Datasheet
1Mb / 6P
600W Transient Voltage Suppressor
S-6AJ LEIDITECH-S-6AJ Datasheet
921Kb / 6P
600W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com