Electronic Components Datasheet Search
  English  ▼

X  

EVDP610 Datasheet(PDF) 5 Page - IXYS Corporation

Part # EVDP610
Description  IXDP610 Digital PWM Controller IC Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

EVDP610 Datasheet(HTML) 5 Page - IXYS Corporation

  EVDP610 Datasheet HTML 1Page - IXYS Corporation EVDP610 Datasheet HTML 2Page - IXYS Corporation EVDP610 Datasheet HTML 3Page - IXYS Corporation EVDP610 Datasheet HTML 4Page - IXYS Corporation EVDP610 Datasheet HTML 5Page - IXYS Corporation EVDP610 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
EVDP610
outputs are not enabled or turned off.
3.1.9 Error Messages
If for some reason, the communication or instruction did
not take place an error message will appear in the text
box on the top of the GUI, or an error message panel will
tell the user the proper actions to take. It is always a
good idea to update the GUI after an error has occurred
to prevent the board from differing from the GUI in any
way. This maybe accomplished by hitting either the
READ IXDP610 STATUS button or by hitting the RESET
button (the current settings will be lost if RESET is
used). Hit the close button on any error panels to close
the panel.
4.0 SERIAL OPERATION
4.1 RS-232 Serial Operation
This remote control port allows a user to connect a
personal computer as the remote host to the IXDP610.
Utilizing a standard three wire interface and DEI’s
defined communication protocol the user can write a
custom control program for their particular testing needs.
4.1.1 Serial Data Packets
The data packets sent to the IXDP610 over the serial bus
should be of the following format:
To Address
From Address
Op Code
Data
Stop Byte
Where the data is as follows:
Data Byte
Function
Value
To Address
IXDP610 Address
0x02h
From Address
Remote Host Address
Variable [0 to255] Recommend
0x00h
Operation Code
The command hardware code
See Instruction Set
Data1
Any data to send to IXDP610
See Instruction Set
Stop Byte
Serial termination byte
0x0Ah
The data packets returned by the DEI IXDP610 will be of
the following format:
To Address
From Address
Op Code
Data
Error Code
Stop Byte
Where the data is as follows:
Data Byte
Function
Value
To Address
Remote Host Address
Variable [0 to255]
Recommend 0x00h
From Address
IXDP610 Address
0x02
Operation Code
The command hardware code
See Instruction Set
Data
Any data sent from the
IXDP610
One unsigned byte
Error Code
Error is any non-zero byte,
No Error = 0
See Error Code table
Stop Byte
Serial termination byte
0x0Ah
4.1.2 Common Instruction Set & Serial Data Packet
Format:
Instruction
Opcode
(hex)
Form at (num ber of
bytes=> all unsigned
chars)
Get Version1
0x05
Send-5, Receive-6
Get Version2
0x06
Send-5, Receive-6
Set Dead Tim e
0x10
Send-5, Receive-6
Set Pulse W idth
0x20
Send-5, Receive-6
Set Resolution
0x30
Send-5, Receive-6
Enable Outputs
0x40
Send-5, Receive-6
Reset
0x50
Send-5, Receive-6
Set Clock Divide
0x60
Send-5, Receive-6
Set Lockout
0x70
Send-5, Receive-6
Set Clock Select
0x80
Send-5, Receive-6
Read Pulse W idth
0x90
Send-5, Receive-6
Read Resolution
0x93
Send-5, Receive-6
Read Lock Status
0x94
Send-5, Receive-6
Read Clock Divide
0x95
Send-5, Receive-6
Read Output Enable
Status
0x96
Send-5, Receive-6
4.1.3 Common Error Codes
Error Code
Description
Problem
Action
0x00
No Error
N/A
Command was successful,
no errors.
0xE0
General Internal Error
Timing Error on
evaluation board
None Recommended – reset
board. If error is repeatable
contact factory.
0xE1
Invalid Opcode
Command Packet
Incorrect or Corrupted
Verify packet data integrity with
emphasis on op-code byte.
0xE2
Control Latch locked
Can’t write to control latch
Unlock control latch or reset board.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com