Electronic Components Datasheet Search
  English  ▼

X  

EVDP610 Datasheet(PDF) 1 Page - IXYS Corporation

Part # EVDP610
Description  IXDP610 Digital PWM Controller IC Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

EVDP610 Datasheet(HTML) 1 Page - IXYS Corporation

  EVDP610 Datasheet HTML 1Page - IXYS Corporation EVDP610 Datasheet HTML 2Page - IXYS Corporation EVDP610 Datasheet HTML 3Page - IXYS Corporation EVDP610 Datasheet HTML 4Page - IXYS Corporation EVDP610 Datasheet HTML 5Page - IXYS Corporation EVDP610 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
First Release
Copyright © IXYS CORPORATION 2001
General Description
EVDP610
IXDP610 Digital PWM Controller IC Evaluation Board
The IXDP610 Digital Pulse Width Modulator (DPWM) is a
programmable CMOS LSI device, which accepts digital
pulse width data from a microprocessor and generates
two complementary non-overlapping pulse width modu-
lated signals for direct digital control of a switching Power
Bridge or other electronics. See the IXDP610 data sheet
for full specifications.
The EVDP610 Evaluation Board, shown in Figure 1 below,
encompasses the serial communications hardware,
microprocessor, and IXDP610 chip all onto one board that
is easily programmable from any PC. A Graphical User
Interface (GUI) designed to run on a Windows 9X, Win-
dows 2000 or Windows NT operating system is included
with the EVDP610, providing the designer with the soft-
ware and hardware tools to immediately test and evaluate
the IXDP610 IC. A functional block diagram of the
EVDP610 is shown in Figure 2.
1.0 EVDP610 QUICK-START INSTRUCTIONS
These quick-start instructions provide a step-by-step
guide to set up and begin using the EVDP610 evaluation
board and software. Please refer to the appropriate
sections of the specification for additional instructions
and guidelines.
1.1 Installing the IXDP610 Evalution Software
To install the Evaluation Software on the comuter, place
the Evaluation Software diskette into the computer's disk
drive. Run setup.exe (or double-click on the setup icon).
Follow the instructions that appear on the screen.
1.2 Powering On the IXDP610 Evaluation Board
1.
Connect +5 volts DC (+/- 5%) power to the two
screw terminals labeled TRM1 and TRM 2. TRM 1
is the power terminal and TRM 2 is the ground
terminal. When power is applied the two green
LEDs labeled D1 and D3 will turn on.
2.
By default, the evaluation board firmware loads the
pulse width registers of the IXDP610 with a 0% duty
cycle on Output1 and a 100% duty cycle on Output2
(Output1 is labeled TP1 – with a white terminal
attached and Output2 is labeled TP2 – with a black
terminal attached). The LED’s labeled D4 and D5,
corresponding to Output1 and Output2 respectively,
should glow red when the output is disabled. When
the outputs are enabled, the LEDs will glow green.
1.3 Connecting the Serial Communications
1. Connect one end of the null modem cable (provided
with the EVDP610) to the male DB9 connector on
the circuit board (labeled P1) and connect the other
end to the serial port. The pin-out of the null modem
cable is shown in the figure 3 below.
1.4 Checking Jumper Connections
1. There should be a jumper in the middle position on
JP1 (allowing the 11.059MHz clock – the same one
clocking the micro, to clock the IXDP610 chip). See
section 2.3 for more information and a detailed
drawing of the jumper positions.
2. There should be NO jumper in JP2 – installing this
jumper disables all outputs on the IXDP610 by
asserting the ODIS pin. The factory default is no
jumper in JP2.
1.5 Operating the User Interface Software
1. The IXDP610 hardware must be powered on before
running the GUI. In the GUI’s initialization sequence
the GUI will try to communicate with the EVDP610
hardware. Be aware that the GUI will reset the
EVDP610 hardware as soon as it comes up and is
Figure 2 - EVDP610 Functional Block Diagram
Figure 1 - EVDP610 Evaluation Board


Similar Part No. - EVDP610

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EVD15F00000 ETC1-EVD15F00000 Datasheet
383Kb / 3P
MILITARY QUALITY REMOVABLE CONTACT, SUBMINIATURE-D CONNECTORS
EVD15F0000S ETC1-EVD15F0000S Datasheet
383Kb / 3P
MILITARY QUALITY REMOVABLE CONTACT, SUBMINIATURE-D CONNECTORS
EVD15F000E0 ETC1-EVD15F000E0 Datasheet
383Kb / 3P
MILITARY QUALITY REMOVABLE CONTACT, SUBMINIATURE-D CONNECTORS
EVD15F000ES ETC1-EVD15F000ES Datasheet
383Kb / 3P
MILITARY QUALITY REMOVABLE CONTACT, SUBMINIATURE-D CONNECTORS
EVD15F000T20 ETC1-EVD15F000T20 Datasheet
383Kb / 3P
MILITARY QUALITY REMOVABLE CONTACT, SUBMINIATURE-D CONNECTORS
More results

Similar Description - EVDP610

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADM1030 AD-EVAL-ADM1030 Datasheet
534Kb / 14P
Evaluation Board for ACPI Temperature Monitor and PWM Fan Controller
logo
Intersil Corporation
AN1082 INTERSIL-AN1082 Datasheet
245Kb / 8P
Using the ISL6401 RSLIC PWM Controller Evaluation Board
October 2003
logo
AverLogic Technologies ...
AL320C-EVB-A0 AVERLOGIC-AL320C-EVB-A0 Datasheet
192Kb / 10P
LCD Controller Evaluation Board
logo
Newhaven Display Intern...
NHD-3.5-320240MF-20 NEWHAVEN-NHD-3.5-320240MF-20 Datasheet
322Kb / 7P
TFT Controller Evaluation Board
NHD-3.5-320240MF-22 NEWHAVEN-NHD-3.5-320240MF-22 Datasheet
453Kb / 7P
TFT Controller Evaluation Board
NHD-3.5-320240MF-34 NEWHAVEN-NHD-3.5-320240MF-34 Datasheet
441Kb / 7P
TFT Controller Evaluation Board
NHD-4.3-480272MF-20 NEWHAVEN-NHD-4.3-480272MF-20 Datasheet
289Kb / 8P
TFT Controller Evaluation Board
NHD-4.3-480272MF-22 NEWHAVEN-NHD-4.3-480272MF-22 Datasheet
310Kb / 7P
TFT Controller Evaluation Board
NHD-4.3-480272MF-34 NEWHAVEN-NHD-4.3-480272MF-34 Datasheet
310Kb / 7P
TFT Controller Evaluation Board
logo
SHENZHEN FUMAN ELECTRON...
TC3842 FUMAN-TC3842 Datasheet
275Kb / 6P
PWM controller IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com