Electronic Components Datasheet Search
  English  ▼

X  

ICL7622ACPD Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # ICL7622ACPD
Description  Single/Dual/Triple/Quad Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7622ACPD Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button ICL7622ACPD Datasheet HTML 2Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 3Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 4Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 5Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 6Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 7Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 8Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 9Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
(VSUPP = ±5.0V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
ICL76XXA
ICL76XXB
ICL76XXD
UNITS
MIN
TYP MAX
MIN
TYP
MAX
MIN
TYP MAX
Input Bias Current
IBIAS
TA = +25°C
1.0
50
1.0
50
1.0
50
pA
C: 0°C ≤ TA ≤ +70°C
400
400
400
E: -40°C ≤ TA ≤
+85°C
4000
4000
4000
M: -55°C ≤ TA ≤
+125°C
4000
4000
4000
Common-Mode
Voltage Range
(Except ICL7612/
ICL7616)
VCMR
IQ = 10µA (Note 3)
+4.4
+4.4
+4.4
V
-4.0
-4.0
-4.0
IQ = 100µA (Note 3)
+4.2
+4.2
+4.2
-4.0
-4.0
-4.0
IQ = 1mA (Note 3)
+3.7
+3.7
+3.7
-3.7
-3.7
-3.7
Extended
Common-Mode
Voltage Range
(ICL7612 Only)
VCMR
IQ = 10µA
±5.3
±5.3
±5.3
V
IQ = 100µA
+5.3
+5.3
+5.3
-5.1
-5.1
-5.1
IQ = 1mA
+5.3
+5.3
+5.3
-4.5
-4.5
-4.5
Extended
Common-Mode
Voltage Range
(ICL7616 Only)
VCMR
IQ = 10µA
-5.3
-5.3
-5.3
V
+3.7
+3.7
+3.5
IQ = 100µA
-5.1
-5.1
-5.1
+3.0
+3.0
+2.7
IQ = 1mA
-4.5
-4.5
-4.5
+2.0
+2.0
+1.7
Electrical Characteristics (Single/Dual) (continued)
ICL761X–ICL764X
Single/Dual/Triple/Quad
Operational Amplifiers
www.maximintegrated.com
Maxim Integrated │ 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com