Electronic Components Datasheet Search
  English  ▼

X  

ICL7622ACPD Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # ICL7622ACPD
Description  Single/Dual/Triple/Quad Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7622ACPD Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button ICL7622ACPD Datasheet HTML 10Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 11Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 12Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 13Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 14Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 15Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 16Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 17Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
(VSUPP = ±5.0V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
ICL76XXB
ICL76XXC
ICL76XXE
UNITS
MIN
TYP MAX MIN
TYP
MAX
MIN
TYP MAX
Common-Mode
Voltage Range
VCMR
IQ = 10µA (Note 7)
+4.4
+4.4
+4.4
V
-4.0
-4.0
-4.0
IQ = 100µA (Note 9)
+4.2
+4.2
+4.2
-4.0
-4.0
-4.0
IQ = 1mA (Note 8)
+3.7
+3.7
+3.7
-3.7
-3.7
-3.7
Output Voltage
Swing
VOUT
IQ =
10µA,
RL =
1MΩ
(Note 7)
TA =
+25°C
±4.9
Q4.9
Q4.9
V
C: 0°C
≤ TA ≤
+70°C
±4.8
±4.8
±4.8
M: -55°C
≤ TA ≤
+125°C
±4.7
±4.7
±4.7
IQ =
100µA,
RL =
100kΩ
(Note 9)
TA =
+25°C
±4.9
±4.9
±4.9
C: 0°C
≤ TA ≤
+70°C
±4.8
±4.8
±4.8
M: -55°C
≤ TA ≤
+125°C
±4.5
±4.5
±4.5
IQ =
1mA, RL
= 10kΩ
(Note 8)
TA =
+25°C
±4.5
±4.5
±4.5
C: 0°C
≤ TA ≤
+70°C
±4.3
±4.3
±4.3
M: -55°C
≤ TA ≤
+125°C
±4.0
±4.0
±4.0
Electrical Characteristics (Triple/Quad) (continued)
ICL761X–ICL764X
Single/Dual/Triple/Quad
Operational Amplifiers
www.maximintegrated.com
Maxim Integrated │ 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com