Electronic Components Datasheet Search
  English  ▼

X  

ICL7622ACPD Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # ICL7622ACPD
Description  Single/Dual/Triple/Quad Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7622ACPD Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button ICL7622ACPD Datasheet HTML 12Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 13Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 14Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 15Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 16Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 17Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 18Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 19Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
(VSUPP = ±5.0V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
ICL76XXB
ICL76XXC
ICL76XXE
UNITS
MIN TYP
MAX
MIN
TYP MAX MIN
TYP MAX
Unity-Gain
Bandwidth
GBW
IQ = 10µA (Note 7)
0.044
0.044
0.044
MHz
IQ = 100µA (Note 9)
0.48
0.48
0.48
IQ = 1mA (Note 8)
1.4
1.4
1.4
Input Resistance
RIN
1012
1012
1012
Ω
Common-Mode
Rejection Ratio
CMRR
RS ≤ 100kΩ,
IQ = 10µA (Note 7)
76
96
70
96
70
96
dB
RS ≤ 100kΩ,
IQ = 100µA
76
91
70
91
70
91
RS ≤ 100kΩ,
IQ = 1mA (Note 8)
66
87
60
87
60
87
Power-Supply
Rejection Ratio
PSRR
RS ≤ 100kΩ,
IQ = 10µA (Note 7)
80
94
80
94
80
94
dB
RS ≤ 100kΩ,
IQ = 100µA
80
86
80
86
80
86
RS ≤ 100kΩ,
IQ = 1mA (Note 8)
70
77
70
77
70
77
Input-Referred
Noise Voltage
en
RS = 100Ω, f = 1kHz
100
100
100
nV/√Hz
Input-Referred
Noise Current
in
RS = 100Ω, f = 1kHz
0.01
0.01
0.01
pA/√Hz
Supply Current
(Per Amplifier)
ISUPP
No
signal,
no load
IQ = 10µA
(Note 7)
0.01
0.022
0.01 0.022
0.01 0.022
mA
IQ =
100µA
0.1
0.25
0.1
0.25
0.1
0.25
IQ = 1mA
(Note 8)
1.0
2.5
1.0
2.5
1.0
2.5
Channel
Separation
VO1 / VO2 AVOL = 100
120
120
120
dB
Slew Rate
(Note 10)
SR
AVOL =
1, CL =
100pF,
VIN =
8VP-P
IQ = 10µA
(Note 7),
RL = 1MΩ
0.016
0.016
0.016
V/µs
IQ =
100µA, RL
= 100kΩ
0.16
0.16
0.16
IQ = 1mA
(Note 7),
RL = 10kΩ
1.6
1.6
1.6
Electrical Characteristics (Triple/Quad) (continued)
ICL761X–ICL764X
Single/Dual/Triple/Quad
Operational Amplifiers
www.maximintegrated.com
Maxim Integrated │ 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com