Electronic Components Datasheet Search
  English  ▼

X  

ICL7622ACPD Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # ICL7622ACPD
Description  Single/Dual/Triple/Quad Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7622ACPD Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button ICL7622ACPD Datasheet HTML 18Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 19Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 20Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 21Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 22Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 23Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 24Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 25Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 26Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
PACKAGE TYPE
PACKAGE CODE
OUTLINE NO.
LAND PATTERN NO.
TO99
T99-8
21-0022
—
8 PDIP
P8-1
21-0043
—
8 SO
S8-2
21-0041
90-0096
8 CDIP
J16-3
21-0045
—
14 PDIP
P14-3
21-0043
—
14 CDIP
J14-3
21-0045
—
16 PDIP
P16-1
21-0043
—
16 SO
S16-1
21-0041
90-0097
16 Wide SO
W16-2
21-0042
90-0107
Chip Topographies
ICL7611/12/14/16
SINGLE
ICL7631/32
TRIPLE
ICL7461/42
QUAD
ICL7621/22
DUAL
BIAS/COMP
8
0.055”
(1.40mm)
0.061”
(1.55mm)
0.061”
(2.11mm)
0.083”
(2.11mm)
7
V+
6
OUTPUT
OFFSET
1
OFFSET
5
+ INPUT
3
V–
4
V+
13
V+
9
OFFSETB
8
–INB
7
OFFSETA
OUTA
OUTB
–INA
+INA
2
14
V–
4
OFFSETA
3
+INB
6
OFFSETB
3
1
NC OR V+
11
– INPUT
2
12
12
0.100”
(2.54mm)
0.099”
(2.51mm)
0.076”
(1.93mm)
0.079”
(2.01mm)
14
OUTA
13
+INB
12
-INB
11
IQBSET
OUTB
4
+INC
+INC
10
–IND
12
–INC
9
OUTD
14
OUTA
1
–INA
2
+INA
3
V+
4
–INB
13
OUTC
8
–INB
6
OUTB
7
+INB
5
V–
11
–INC
IQCSET
6
V–
OUTC
15
V+
16
IQ1SET
2
INA
3
+INA
9
8
7
V+
5
Package Information
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
ICL761X–ICL764X
Single/Dual/Triple/Quad
Operational Amplifiers
www.maximintegrated.com
Maxim Integrated │ 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com