Electronic Components Datasheet Search
  English  ▼

X  

MAX25307 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX25307
Description  Two/Three Output Low-Noise LDO Linear Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25307 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX25307 Datasheet HTML 1Page - Maxim Integrated Products MAX25307 Datasheet HTML 2Page - Maxim Integrated Products MAX25307 Datasheet HTML 3Page - Maxim Integrated Products MAX25307 Datasheet HTML 4Page - Maxim Integrated Products MAX25307 Datasheet HTML 5Page - Maxim Integrated Products MAX25307 Datasheet HTML 6Page - Maxim Integrated Products MAX25307 Datasheet HTML 7Page - Maxim Integrated Products MAX25307 Datasheet HTML 8Page - Maxim Integrated Products MAX25307 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX25307/MAX25308 are a two/three output linear
regulator family that deliver up to 600mA on channel 1
and up to 300mA on channels 2 and 3 with only 37µVRMS
of output noise from 10Hz to 100kHz. These regulators
maintain ±1.25% output accuracy over a wide input volt-
age range, requiring only 155mV (max) of input-to-output
headroom at full load. The 1.95mA maximum no-load sup-
ply current is independent of dropout voltage. Each output
is factory programmable between 0.6V to 3.7875V in
12.5mV steps. No external components are needed ex-
cept for the input, output, and bypass capacitors. Each
output has an independent enable input and RESET out-
put.
Applications
● Infotainment Systems
● Point of Load
● Advanced Driver-Assistance Sytems (ADAS)
Benefits and Features
● 1.7V to 5.5V Input Voltage Range
● Factory Selectable Output Voltage of 0.6V to 3.7875V
in 12.5mV Steps
● 37μVRMS Output Noise, 10Hz to 100kHz
● 1.95mA (Max) Operating Supply Current
● 70dB PSRR at 10kHz
● 600mA Maximum Output Current (OUT1)
● 300mA Maximum Output Current (OUT2/3)
● ±1.25% DC Accuracy Over Load, Line, and
Temperature
● 155mV (Max) Dropout at IMAX1/2/3 Load (3.3VIN)
● < 1µA Shutdown Supply Current
● Overcurrent and Overtemperature Protection
● Output-to-Input Reversed Current Protection
● Individual RESET Outputs
● 3mm x 3mm 16 pin TQFN Package
● -40ºC to 125ºC Grade 1 Automotive Temperature
Range
Ordering Information appears at end of data sheet.
Simplified Block Diagram
VIN2
OUT1
IN1
GND
EN1
4.7µF
4.7µF
EP
RESET1
VOUT1
OUT2
2.2µF
VOUT2
OUT3
2.2µF
VOUT3
IN2
VIN1
1µF
EN2
EN3
RESET2
RESET3
IN3
BYP1
BYP2
BYP3
10nF
VIN3
1µF
10nF
10nF
Click here to ask about the production status of specific part numbers.
MAX25307/MAX25308
Two/Three Output Low-Noise LDO Linear
Regulators
19-101040; Rev
0; 4/21


Similar Part No. - MAX25307

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2530 MAXIM-MAX2530 Datasheet
107Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A April 3, 2003
MAX25300A MAXIM-MAX25300A Datasheet
468Kb / 16P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 6/20
MAX25300A MAXIM-MAX25300A Datasheet
670Kb / 7P
Two Independent Circuits on One Board
Rev 0; 8/20
MAX25300AATA MAXIM-MAX25300AATA Datasheet
468Kb / 16P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 6/20
MAX25300B MAXIM-MAX25300B Datasheet
468Kb / 16P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 6/20
More results

Similar Description - MAX25307

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
300mA Low-Noise LDO Regulators
logo
Semtech Corporation
SC1458 SEMTECH-SC1458 Datasheet
212Kb / 13P
Dual Output Low Noise LDO Linear Regulator
SC560 SEMTECH-SC560 Datasheet
285Kb / 15P
Dual Output Low Noise LDO Linear Regulator
SC561 SEMTECH-SC561 Datasheet
277Kb / 15P
Dual Output Low Noise LDO Linear Regulator
SC560 SEMTECH-SC560_08 Datasheet
291Kb / 15P
Dual Output Low Noise LDO Linear Regulator
SC560CULTRT SEMTECH-SC560CULTRT Datasheet
275Kb / 15P
Dual Output Low Noise LDO Linear Regulator
SC560DULTRT SEMTECH-SC560DULTRT Datasheet
312Kb / 18P
Dual Output Low Noise LDO Linear Regulator
SC560HULTRT SEMTECH-SC560HULTRT Datasheet
312Kb / 18P
Dual Output Low Noise LDO Linear Regulator
logo
Global Mixed-mode Techn...
G982 GMT-G982 Datasheet
83Kb / 1P
300mA Low-Noise LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com