Electronic Components Datasheet Search
  English  ▼

X  

MAX25307 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX25307
Description  Two/Three Output Low-Noise LDO Linear Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25307 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX25307 Datasheet HTML 6Page - Maxim Integrated Products MAX25307 Datasheet HTML 7Page - Maxim Integrated Products MAX25307 Datasheet HTML 8Page - Maxim Integrated Products MAX25307 Datasheet HTML 9Page - Maxim Integrated Products MAX25307 Datasheet HTML 10Page - Maxim Integrated Products MAX25307 Datasheet HTML 11Page - Maxim Integrated Products MAX25307 Datasheet HTML 12Page - Maxim Integrated Products MAX25307 Datasheet HTML 13Page - Maxim Integrated Products MAX25307 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Pin Description (continued)
PIN
NAME
FUNCTION
MAX25308
MAX25307
3
—
RESET3
Active Low RESET for Output 3. RESET3 becomes high impedance when OUT3
is in regulation. Actively pulled down if OUT3 is outside the regulation window. To
obtain a logic signal, connect a pullup resistor from this pin to a supply.
4
4
RESET2
Active Low RESET for Output 2. RESET2 becomes high impedance when OUT2
is in regulation. Actively pulled down if OUT2 is outside the regulation window. To
obtain a logic signal, connect a pullup resistor from this pin to a supply.
5
5
IN2
Regulator Supply Input. Connect to a voltage between 1.7V and 5.5V, and bypass
with a 1µF capacitor from IN2 to GND.
6
6
OUT2
Channel 2 Output. Sources maximum up to 300mA at output regulation voltage.
Bypass with 2.2μF low ESR capacitor from OUT2 to GND.
7
7
BYP2
Bypass Capacitor Input 2. Connect 1nF to 100nF capacitor between OUT2 and
BYP2 to reduce output noise and set the regulator soft-start rate.
8
8
EN2
Enable Input for Channel 2. Connect this pin to a logic signal to enable (VEN2
high) or disable (VEN2 low) the regulator output. Connect to IN_ with 10kΩ pullup
resistor to keep the output enabled whenever a valid supply voltage is present.
9
—
IN3
Regulator Supply Input. Connect to a voltage between 1.7V and 5.5V and bypass
with a 1µF capacitor from IN3 to GND.
10
—
OUT3
Channel 3 Output. Sources maximum up to 300mA at output regulation voltage.
Bypass with 2.2μF low ESR capacitor from OUT3 to GND.
11
—
BYP3
Bypass Capacitor Input 3. Connect 1nF to 100nF capacitor between OUT3 and
BYP3 to reduce output noise and set the regulator soft-start rate.
12
12
IN1
Regulator Supply Input. Connect to a voltage between 1.7V and 5.5V, and bypass
with a 4.7µF capacitor from IN1 to GND.
13
13
EN1
Enable Input for Channel 1. Connect this pin to a logic signal to enable (VEN1
high) or disable (VEN1 low) the regulator output. Connect to IN_ with a 10kΩ
pullup resistor to keep the output enabled whenever a valid supply voltage is
present.
14
14
OUT1
Channel 1 Output. Sources up to 600mA at output regulation voltage. Bypass with
4.7μF low ESR capacitor from OUT1 to GND.
15
15
BYP1
Bypass Capacitor Input 1. Connect 1nF to 100nF capacitor between OUT1 and
BYP1 to reduce output noise and set the regulator soft-start rate.
16
—
EN3
Enable Input for Channel 3. Connect this pin to a logic signal to enable (VEN3
high) or disable (VEN3 low) the regulator output. Connect to IN_ with a10kΩ pull
up resistor to keep the output enabled whenever a valid supply voltage is present.
—
3,9,10,11,16
N.C.
Connect to Ground
EP
EP
EP
Exposed Pad. Connect the exposed pad to a ground plane with low thermal
resistance to ambient to provide best heat sinking.
MAX25307/MAX25308
Two/Three Output Low-Noise LDO Linear
Regulators
www.maximintegrated.com
Maxim Integrated | 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com