Electronic Components Datasheet Search
  English  ▼

X  

MAX25307 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX25307
Description  Two/Three Output Low-Noise LDO Linear Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25307 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX25307 Datasheet HTML 1Page - Maxim Integrated Products MAX25307 Datasheet HTML 2Page - Maxim Integrated Products MAX25307 Datasheet HTML 3Page - Maxim Integrated Products MAX25307 Datasheet HTML 4Page - Maxim Integrated Products MAX25307 Datasheet HTML 5Page - Maxim Integrated Products MAX25307 Datasheet HTML 6Page - Maxim Integrated Products MAX25307 Datasheet HTML 7Page - Maxim Integrated Products MAX25307 Datasheet HTML 8Page - Maxim Integrated Products MAX25307 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Absolute Maximum Ratings
IN1, IN2, IN3, EN1, EN2, EN3 to GND..................... -0.3V to +6V
OUT1 to GND .................................................-0.3V to IN1 + 0.3V
OUT2 to GND .................................................-0.3V to IN2 + 0.3V
OUT3 to GND .................................................-0.3V to IN3 + 0.3V
BYP1, BYP2, BYP3 to GND..................................... -0.3V to +6V
RESET1,RESET2,RESET3 to GND ........................ -0.3V to +6V
Output Short-Circuit Duration ..................................... Continuous
Package Thermal Characteristics
T1633+7C
Continuous Power Dissipation
TQFN (derate 21.52mW/°C above 70°C) .......1721.69mW
Operating Junction Temperature ................-40°C to +150°C
Storage Temperature Range .......................-65°C to +150°C
Lead Temperature (Soldering, 10 seconds) ..............+300°C
Soldering Temperature (reflow) .................................+260°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Recommended Operating Conditions
PARAMETER
SYMBOL
CONDITION
TYPICAL
RANGE
UNIT
Ambient Temperature Range
-40 to
+125
°C
Note: These limits are not guaranteed.
Package Information
TQFN
Package Code
T1633+7C
Outline Number
21-0136
Land Pattern Number
90-0032
Thermal Resistance, Four-Layer Board:
Junction to Ambient (θJA)
46.47°C/W
Junction to Case (θJC)
5.58°C/W
For the latest package outline information and land patterns (footprints), go to www.maximintegrated.com/packages. Note that a “+”, “#”, or “-” in the package code indicates
RoHS status only. Package drawings may show a different suffix character, but the drawing pertains to the package regardless of RoHS status.
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer board. For detailed information on package thermal
considerations, refer to www.maximintegrated.com/thermal-tutorial.
Electrical Characteristics
(VIN1,2 = 3.3V, VIN3 = 3.6V, COUT1 = 4.7µF, COUT2,3 = 2.2µF, CBYP_ = 10nF, TJ = -40°C to +150°C, unless otherwise noted. Typical
values are at TA = +25°C under normal conditions, unless otherwise specified. (Note 1) (Note 3))
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN_
Guaranteed by Output Accuracy
1.7
5.5
V
Input Undervoltage
Lockout
VIN_UVLO
VIN_ rising
1.5
1.69
V
Input Undervoltage
Lockout Hysteresis
VIN_UVLO_HY
S
VIN_ UVLO Hysteresis
100
mV
Supply Current
IQ_
All outputs off
1
μA
IOUT = 0mA, VIN1,2 = 3.3V, VIN3 = 3.6V,
VEN_ = VIN_
1.2
1.95
mA
MAX25307/MAX25308
Two/Three Output Low-Noise LDO Linear
Regulators
www.maximintegrated.com
Maxim Integrated | 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com