Electronic Components Datasheet Search
  English  ▼

X  

MAX25307 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX25307
Description  Two/Three Output Low-Noise LDO Linear Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25307 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX25307 Datasheet HTML 7Page - Maxim Integrated Products MAX25307 Datasheet HTML 8Page - Maxim Integrated Products MAX25307 Datasheet HTML 9Page - Maxim Integrated Products MAX25307 Datasheet HTML 10Page - Maxim Integrated Products MAX25307 Datasheet HTML 11Page - Maxim Integrated Products MAX25307 Datasheet HTML 12Page - Maxim Integrated Products MAX25307 Datasheet HTML 13Page - Maxim Integrated Products MAX25307 Datasheet HTML 14Page - Maxim Integrated Products MAX25307 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
IN_ drops 10mV below OUT_, shutting off the regulator and opening the PMOS body diode connection, preventing any
reverse current.
RESET Outputs
The MAX25307/MAX25308 include an open-drain output, RESET for each output that goes low to indicate the output
voltage is out of regulation. Connect a pullup resistor from this pin to an external supply. When the associated EN_ is low
the RESET_ is asserted. The hold time of all reset outputs is factory selectable between 0.5ms and 14.9ms.
Input Capacitor
A 4.7μF ceramic capacitor for channel 1 and 1μF ceramic capacitor for channels 2 and 3 are recommended for the
input. Select a capacitor that maintains its capacitance over temperature and DC bias. Capacitors with X7R temperature
characteristics generally perform well.
Output Capacitor
The minimum output capacitance for stability depends on the current configuration of the channel. See the following table
for the capacitance requirements based on the output current capability.
OUTPUT CURRENT (IMAX)
COUT(MIN)
(μF)
COUT(TYP)
(μF)
600mA
2.35
4.7
300mA
1.1
2.2
The typical output capacitance assumes an X7R capacitor with a working voltage high enough such that the fully derated
output capacitance is greater than COUT(MIN).
Thermal Considerations
The MAX25307/MAX25308 are packaged in an 16-pin 3mm x 3mm TQFN package with an exposed pad. The exposed
pad is the main path for heat to leave the IC, and therefore must be connected to a ground plane with thermal vias
to allow heat to dissipate from the device. Thermal properties of the IC package are given in the Package Information
section.
MAX25307/MAX25308
Two/Three Output Low-Noise LDO Linear
Regulators
www.maximintegrated.com
Maxim Integrated | 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com