Electronic Components Datasheet Search
  English  ▼

X  

MAX9744 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX9744
Description  20W Stereo Class D Speaker Amplifier with Volume Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9744 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX9744 Datasheet HTML 9Page - Maxim Integrated Products MAX9744 Datasheet HTML 10Page - Maxim Integrated Products MAX9744 Datasheet HTML 11Page - Maxim Integrated Products MAX9744 Datasheet HTML 12Page - Maxim Integrated Products MAX9744 Datasheet HTML 13Page - Maxim Integrated Products MAX9744 Datasheet HTML 14Page - Maxim Integrated Products MAX9744 Datasheet HTML 15Page - Maxim Integrated Products MAX9744 Datasheet HTML 16Page - Maxim Integrated Products MAX9744 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
20W Stereo Class D Speaker Amplifier
with Volume Control
______________________________________________________________________________________
13
Pin Description (continued)
PIN
NAME
FUNCTION
26
SYNCOUT
SYNC Signal Output
31, 32
OUTR+
Right-Channel Positive Speaker Output
33
BOOTR+
Right-Channel Positive Speaker Output Boost Flying-Capacitor Connection. Connect a 0.1µF
ceramic capacitor between BOOTR+ and OUTR+.
34, 35, 39,
43, 44
PGND
Power Ground
36, 37
OUTR-
Right-Channel Negative Speaker Output
38
BOOTR-
Right-Channel Negative Speaker Output Boost Flying-Capacitor Connection. Connect a 0.1µF
ceramic capacitor between BOOTR- and OUTR-.
40
BOOTL-
Left-Channel Negative Speaker Output Boost Flying-Capacitor Connection. Connect a 0.1µF
ceramic capacitor between BOOTL- and OUTL-.
41, 42
OUTL-
Left-Channel Negative Speaker Output
—EP
Exposed Pad. The external pad lowers the package’s thermal impedance by providing a direct
heat conduction path from the die to the PCB. Connect the exposed thermal pad to PGND.
Detailed Description
The MAX9744 20W filterless, stereo Class D audio
power amplifier offers Class AB performance with Class
D efficiency with a minimal board space solution. The
MAX9744 features a spread-spectrum modulation
scheme offering significant improvements to switch-
mode amplifier technology. This device features analog
or digitally adjustable volume control, externally set
input gain, shutdown mode, SYNC input and output,
mute, and industry-leading click-and-pop suppression.
The MAX9744 features extensive click-and-pop sup-
pression circuitry that eliminates audible clicks-and-
pops at startup and shutdown.
The MAX9744 features a 64-step, dual-mode (analog
or I2C) volume control and mute function. In analog vol-
ume control mode, the voltage applied to SDA/VOL
sets the volume level. Two address inputs (ADDR1,
ADDR2) set the volume control function between ana-
log and I2C mode and set the slave address. In I2C
mode, there are three selectable slave addresses
allowing for multiple devices on a single bus.
The MAX9744 offers spread-spectrum and fixed-fre-
quency modes of operation with classic PWM or filter-
less modulation output schemes. The filterless
modulation scheme uses minimum pulse outputs when
the audio inputs are at the zero crossing. As the input
voltage increases or decreases, the duration of the
pulse at one output increases while the other output
pulse duration remains the same. This causes the net
voltage across the speaker (VOUT+ - VOUT-) to change.
The minimum-width pulse topology reduces EMI and
increases efficiency.
Operating Modes
Fixed-Frequency Modulation Mode
The MAX9744 features two fixed-frequency modes:
300kHz and 360kHz. Connect SYNC to GND to select
300kHz switching frequency; leave SYNC unconnected
to select the 360kHz switching frequency. The
MAX9744 frequency spectrum consists of the fundamen-
tal switching frequency and its associated harmonics
(see the Wideband Output Spectrum graphs in the
Typical
Operating Characteristics). For applications where exact
spectrum placement of the switching fundamental is
important, program the switching frequency so that the
harmonics do not fall within a sensitive frequency band
(Table 1). Audio reproduction is not affected by chang-
ing the switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com