Electronic Components Datasheet Search
  English  ▼

X  

MAX9744 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX9744
Description  20W Stereo Class D Speaker Amplifier with Volume Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9744 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX9744 Datasheet HTML 17Page - Maxim Integrated Products MAX9744 Datasheet HTML 18Page - Maxim Integrated Products MAX9744 Datasheet HTML 19Page - Maxim Integrated Products MAX9744 Datasheet HTML 20Page - Maxim Integrated Products MAX9744 Datasheet HTML 21Page - Maxim Integrated Products MAX9744 Datasheet HTML 22Page - Maxim Integrated Products MAX9744 Datasheet HTML 23Page - Maxim Integrated Products MAX9744 Datasheet HTML 24Page - Maxim Integrated Products MAX9744 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Applications Information
Filterless Class D Operation
The MAX9744 meets common EMC radiation limits with-
out a filter when the speaker leads are less than approxi-
mately 10cm. Using lengths beyond 10cm is possible
verifying against the appropriate EMC standard.
For longer speaker wire lengths, up to approximately
1m, use a simple ferrite bead and capacitor filter to
meet EMC limits. Select a ferrite bead with 100
Ω to
600
Ω impedance, and rated for at least 3A. The capaci-
tor value varies based on the ferrite bead chosen and
the actual speaker lead length. Select the capacitor
value based on EMC performance. See Figure 7 for the
correct connections of these components.
When evaluating the device without a filter or a ferrite
bead filter, include a series inductor (68µH for 8
Ω load
and 33µH for 4
Ω load) to model the actual loudspeak-
er’s behavior. Omitting this inductor reduces the effi-
ciency, the THD+N performance, and the output power
of the MAX9744.
Inductor-Based Output Filters
Some applications use the MAX9744 with a full induc-
tor/capacitor-based (LC) output filter. This is common
for longer speaker lead lengths and to gain increased
margin to EMC limits. Select the PWM output mode and
use fixed-frequency modulation mode for best audio
performance. See Figure 8 for the correct connections
of these components.
The component selection is based on the load imped-
ance of the speaker. Table 8 lists suggested values for
a variety of load impedances.
Inductors L1 and L2 and capacitor C1 form the primary
output filter. In addition to these primary filter compo-
nents, other components in the filter improve its func-
tionality. Capacitors C4 and C5 plus resistors R1 and
R2 form a Zobel at the output. A Zobel corrects the out-
put loading to compensate for the rising impedance of
the loudspeaker. Without a Zobel, the filter has a peak
in its response near the cutoff frequency. Capacitors
C2 and C3 provide common-mode noise suppression
to reduce radiated emissions.
20W Stereo Class D Speaker Amplifier
with Volume Control
______________________________________________________________________________________
21
RL (
Ω)
L1, L2
(µH)
C1 (µF)
C2, C3
(µF)
R1, R2
(
Ω)
C4, C5
(µF)
4
10
0.47
0.47
10
0.47
6
15
0.33
0.22
15
0.33
8
22
0.22
0.22
22
0.22
Table 8. Suggested Values for LC filter
BOOT_+
CBOOT
0.1
μF
CFILT
470pF
CFILT
470pF
OUT_+
BOOT_-
CBOOT
0.1
μF
OUT_-
MAX9744
Figure 7. Ferrite Bead Filter
BOOT+
CBOOT
0.1
μF
OUT+
L1
4
1, 2
C2
C1
R1
MAX9744
C4
L2
14, 18
15
BOOT-
CBOOT
0.1
μF
OUT-
C3
R2
RL
C5
Figure 8. Output Filter for PWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com