Electronic Components Datasheet Search
  English  ▼

X  

MAX9744 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9744
Description  20W Stereo Class D Speaker Amplifier with Volume Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9744 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9744 Datasheet HTML 1Page - Maxim Integrated Products MAX9744 Datasheet HTML 2Page - Maxim Integrated Products MAX9744 Datasheet HTML 3Page - Maxim Integrated Products MAX9744 Datasheet HTML 4Page - Maxim Integrated Products MAX9744 Datasheet HTML 5Page - Maxim Integrated Products MAX9744 Datasheet HTML 6Page - Maxim Integrated Products MAX9744 Datasheet HTML 7Page - Maxim Integrated Products MAX9744 Datasheet HTML 8Page - Maxim Integrated Products MAX9744 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
20W Stereo Class D Speaker Amplifier
with Volume Control
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VPVDD = 12V, VDD = 3.3V, VGND = VPGND = 0V, VMUTE = 0V; max volume setting; all speaker load resistors connected between
OUT_+ and OUT_-, RL = ∞, unless otherwise stated, CBOOT_ = 0.1µF, CBIAS = 2.2µF, CIN = 0.47µF, RIN = 20kΩ, RF_ = 20kΩ, spread-
spectrum mode, filterless modulation mode, see the
Functional Diagrams/Typical Application Circuits. TA = TMIN to TMAX, unless oth-
erwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PVDD to PGND ....................................................................+16V
VDD to GND ...........................................................................+4V
FB_, SYNCOUT, SYNC, SDA/VOL, ADDR1,
ADDR2 to GND........................................-0.3V to (VDD + 0.3V)
BOOT_ to VDD ..........................................................-0.3V to +6V
BOOT_ to OUT_........................................................-0.3V to +6V
OUT_ to GND ..........................................-0.3V to (PVDD + 0.3V)
PGND to GND .......................................................-0.3V to +0.3V
Any Other Pin to GND ..............................................-0.3V to +4V
OUT_, Short-Circuit Duration......................................Continuous
Continuous Power Dissipation (TA = +70°C)
44-Pin Thin QFN (derate 27mW/°C above +70°C,
single-layer board) ...................................................2162mW
44-Pin Thin QFN (derate 37mW/°C above +70°C,
multilayer board) ......................................................2963mW
θJA, Single-Layer Board................................................37°C/W
θJA, Multilayer Board ................................................….27°C/W
Continuous Input Current (PVDD, PGND).............................6.4A
Continuous Output Current (OUT_) ......................................3.2A
Continuous Input Current (except OUT_).........................±20mA
Junction Temperature ......................................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
Speaker Amplifier Supply Voltage
Range
PVDD
Inferred from PSRR test
4.5
14
V
Supply Voltage Range
VDD
Inferred from PSRR test
2.7
3.6
V
IDD
20
35
Quiescent Current
IPVDD
10
20
mA
IVDDSHDN
TA = +25°C
0.1
1
Shutdown Current
IPVDDSHDN
TA = +25°C
0.1
1
µA
Turn-On Time
tON
200
ms
Common-Mode Bias Voltage
VBIAS
1.5
V
Input Amplifier Output-Voltage
Swing High
VOH
Specified as VDD – VOH, RL = 2k
Ω
connected to 1.5V
20
mV
Input Amplifier Output-Voltage
Swing Low
VOL
Specified as VOL – GND, RL = 2k
Ω
connected to 1.5V
20
mV
Input Amplifier Output Short-
Circuit Current Limit
±60
mA
Input Amplifier Gain-Bandwidth
Product
GBW
1.8
MHz
SPEAKER AMPLIFIERS
Output stage gain
29.5
Gain
AVMAX
Maximum
volume setting
Total gain (Note 2)
29.5
dB
Output Offset
VOS
TA = 25°C
±2
±15
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com