Electronic Components Datasheet Search
  English  ▼

X  

MAX9744 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX9744
Description  20W Stereo Class D Speaker Amplifier with Volume Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9744 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX9744 Datasheet HTML 16Page - Maxim Integrated Products MAX9744 Datasheet HTML 17Page - Maxim Integrated Products MAX9744 Datasheet HTML 18Page - Maxim Integrated Products MAX9744 Datasheet HTML 19Page - Maxim Integrated Products MAX9744 Datasheet HTML 20Page - Maxim Integrated Products MAX9744 Datasheet HTML 21Page - Maxim Integrated Products MAX9744 Datasheet HTML 22Page - Maxim Integrated Products MAX9744 Datasheet HTML 23Page - Maxim Integrated Products MAX9744 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20W Stereo Class D Speaker Amplifier
with Volume Control
20
______________________________________________________________________________________
SDA/VOL
VOLUME
V5
V4
V3
V2
V1
V0
VOLUME
POSITION
VOLUME INPUT VOLTAGE (V)
ATTENUATION (dB)
0
1
1
1
1
1
31
0.506 x VDD
-17.5
0
1
1
1
1
0
30
0.519 x VDD
-19.7
0
1
1
1
0
1
29
0.532 x VDD
-21.6
0
1
1
1
0
0
28
0.544 x VDD
-23.5
0
1
1
0
1
1
27
0.557 x VDD
-25.2
0
1
1
0
1
0
26
0.570 x VDD
-27.2
0
1
1
0
0
1
25
0.583 x VDD
-29.8
0
1
1
0
0
0
24
0.595 x VDD
-31.5
0
1
0
1
1
1
23
0.608 x VDD
-33.4
0
1
0
1
1
0
22
0.621 x VDD
-36.0
0
1
0
1
0
1
21
0.633 x VDD
-37.6
0
1
0
1
0
0
20
0.646 x VDD
-39.6
0
1
0
0
1
1
19
0.659 x VDD
-42.1
0
1
0
0
1
0
18
0.671 x VDD
-43.7
0
1
0
0
0
1
17
0.684 x VDD
-45.6
0
1
0
0
0
0
16
0.697 x VDD
-48.1
0
0
1
1
1
1
15
0.710 x VDD
-50.6
0
0
1
1
1
0
14
0.722 x VDD
-54.2
0
0
1
1
0
1
13
0.735 x VDD
-56.7
0
0
1
1
0
0
12
0.748 x VDD
-60.2
0
0
1
0
1
1
11
0.760 x VDD
-62.7
0
0
1
0
1
0
10
0.773 x VDD
-66.2
0
0
1
0
0
1
9
0.786 x VDD
-68.7
0
0
1
0
0
0
8
0.798 x VDD
-72.2
0
0
0
1
1`
1
7
0.811 x VDD
-74.7
0
0
0
1
1
0
6
0.824 x VDD
-78.3
0
0
0
1
0
1
5
0.837 x VDD
-80.8
0
0
0
1
0
0
4
0.849 x VDD
-84.3
0
0
0
0
1
1
3
0.862 x VDD
-86.8
0
0
0
0
1
0
2
0.875 x VDD
-90.3
0
0
0
0
0
1
1
0.887 x VDD
-92.8
0
0
0
0
0
0
0
0.900 x VDD
MUTE
Table 7. Speaker Volume Levels (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com